Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IP101ALF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
IP101A LF
Data Sheet
Pin Assignments
IP101A LF
16. RX_CLK/
C50M_O
23. CRS
/LEDMOD
22. RX_DV
/CRS_DV
18. RXD3
19. RXD2
20. RXD1
21. RXD0
24. RX_ER
46. X1
47. X2
43. ISOL
40. RPTR
39. SPD
38. DPLX
37. AN_ENA
41. APS
44. MII_SNIB
13. LED3/
PHYAD3
15. LED4/
PHYAD4
42. RESET_N
48. INTR
45. DGND
14. DVDD33
17. DGND
Fast Ethernet Single Phy Transceiver Chip
48 pins LQFP package
Figure 2 : IP101A LF pins assignment
Oct 22, 2007
5/36
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com