Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
IP101A LF
Data Sheet
16/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Register Descriptions (continued)
Register 4 lists the advertised abilities during auto-negotiation for what will be transmitted to IP101A LF’s
Link Partner.
Bit
Name
Description/Usage
Default value
(h): 0001
Register 4 : Auto-Negotiation Advertisement Register
15
NP
Next Page bit.
0 = transmitting the primary capability data page
1 = transmitting the protocol specific data page
0, RO
14
Reserved
0, RO
13
RF
1 = advertise remote fault detection capability
0 = do not advertise remote fault detection capability
0, RW
12
Reserved
0, RO
11
Asymmetric.
Pause
1 = asymmetric flow control is supported by local node
0 = asymmetric flow control is NOT supported by local node
0, RW
10
Pause
1 = flow control is supported by local node
0 = flow control is NOT supported by local node
0, RW
9
T4
1 = 100Base-T4 is supported by local node
0 = 100Base-T4 not supported by local node
0, RO
8
TX Full Duplex
1 = 100Base-TX full duplex is supported by local node
0 = 100Base-TX full duplex not supported by local node
1, RW
7
TX
1 = 100Base-TX is supported by local node
0 = 100Base-TX not supported by local node
1, RW
6
10 Full Duplex
1 = 10Base-T full duplex supported by local node
0 = 10Base-T full duplex not supported by local node
1, RW
5
10
1 = 10Base-T is supported by local node
0 = 10Base-T not supported by local node
1, RW
4:0
Selector
Binary encoded selector supported by this node. Currently
only CSMA/CD <00001> is specified. No other protocols are
supported.
<00001>,
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com