Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
IP101A LF
Data Sheet
7.2.2
RMII Timing
a.
Pin Reset and Clock output timing relationship
(If pin 16 has been configured as 50MHz output )
Symbol
Description
Min.
Typ.
Max.
Unit
Tdelay
Delay time after reset to clock output
-
40
-
us
C50M_O
T
delay
RESET_N
b. Clock Timing RMII
Symbol
Description
Notes
Min
Typ
Max
Units
TR_CLKRMII
REFCLK Rise time
VIL (max) to VIH (min)
-
-
3.0
ns
TF_CLKRMII
REFCLK Fall time
VIH (min) to VIL (max)
-
-
3.0
ns
TP_CLKRMII
REFCLK Period
20.0 ± 50
ppm
ns
TH_CLKRMII
REFCLK High
8.0
10.0
12.0
ns
TL_CLKRMII
REFCLK Low
8.0
10.0
12.0
ns
T P_CLKRMII
T H_CLKRMII
T L_CLKRMII
T R_CLKRMII
T F_CLKRMII
REFCLK
V IH
V IL
Figure 4: Clock Timing RMII
c.
RMII Receive Timing
Symbol
Description
Notes
Min
Typ
Max
Units
TDLY_RXD
REFCLK rising edge
to RXD[1:0], RX_ER
and CRS_DV delay
Initial rising edge of
CRS_DV is
asynchronous to
REFCLK
12.0
15.0
ns
TR_RXD
RXD[1:0], RX_ER,
CRS_DV Rise time
VIL (max) to VIH (min)
1.0
2.5
ns
TF_RXD
RXD[1:0], RX_ER,
CRS_DV Fall time
VIH (min) to VIL (max)
1.0
2.5
ns
Oct 22, 2007
33/36
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com