Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
IP101A LF
Data Sheet
19/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Register Descriptions (continued)
Bit
Name
Description/Usage
Default value
(h): 0000
Register 16 : PHY Spec. Control Register
15
Debug Mode
0 = IP101A LF operates at normal mode
1 = IP101A LF operates at debug mode
(Note: the functionalities of bit 16:<14:12>, and 16:<4:0>
depend on the setting of this bit 16:<15>)
0, R/W
14:12 Reserved
0, RO
11
Auto MDIX Off
Set high to disable the automatic switch of MDI and MDI-X
modes. If AN is disabled by setting pin37=0 during power
up, this bit will be set to 1 (Auto-MDIX off) automatically.
Setting Reg0.12=1 will re-activate AN, in this case, if user
needs Auto-MDIX function, this bit should be set to 0. For
details, please refer to section 7 Auto-MDIX function
description.
0, R/W
10
Heart Beat
Enable
Heart beat function enable at 10Base-T
0, R/W
9
Jabber Enable
Jabber function enable at 10Base-T
0, R/W
8
Far-End Fault
Enable/Disable
To enable or disable the functionality of Far-End Fault
Mode
Enable
Disable
100Base-TX
1
0
0, R/W
7
Analog Power
Saving Disable
Set high to disable the power saving during auto-negotiation
0, R/W
6
Reserved
0, RO
5
Bypass DSP
reset
Set high to bypass the reset DSP mechanism in PCS
sub-layer
0, R/W
4:3
Reserved
0, RO
2
Repeater Mode
Set high to put IP101A LF into repeater mode
0, R/W
1
APS Mode
Set high to enable Auto Power Saving mode
0, R/W
0
Analog Off
Set high to power down analog transceiver
0, R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com