Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
IP101A LF
Data Sheet
Flexible Clock Source
Pin1
COL/RMII
Pin44
MII/SNIB
Function
1
1
RMII, ext 50MHz osc clk in to pin7
1
0
RMII, 25MHz crystal or osc from X1,X2; 50MHz clk out to pin16. (Please refer
to the following figure for our recommened application circuit.)
0
1
MII, 25MHz crystal or osc from X1,X2
0
0
SNI, 25MHz crystal or osc from X1,X2
While pin1=1 and pin44=0 has been selected, 50MHz clock will be provided by IP101A LF in RMII mode.
We suggest the application circuit as the following :
Buffer
IP101A
25M
Other PHY
CPU/Switch/MAC
Pin16
Pin7
Pin46
Pin47
50MHz colck
For this configuration, RMII reference clock for IP101A LF is from pin7. Clock skew could be eliminated by
adding an external buffer and placing equal trace lengths between buffer outputs and each chip.
Oct 22, 2007
26/36
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com