Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
IP101A LF
Data Sheet
7.2
A.C. Characteristic
7.2.1
MII Timing
a.
Pin Reset and Clock output timing relationship
Symbol
Description
Min.
Typ.
Max.
Unit
Tdelay
Delay time after reset to clock output
-
40
-
us
MII_TXCLK
MII_RXCLK
T
delay
RESET_N
b. Transmit Timing Requirements
Symbol
Description
Min.
Typ.
Max.
Unit
TTxClk
Transmit clock period 100M MII
-
40
-
ns
TTxClk
Transmit clock period 10M MII
-
400
-
ns
TsTxClk
TXEN, TXD to MII_TXCLK setup time
2
-
-
ns
ThTxClk
TXEN, TXD to MII_TXCLK hold time
0.5
-
-
ns
MII_T XC LK
TXEN, TXD[3:0]
T sTxClk
T hTxClk
T TxClk
c.
Receive Timing
Symbol
Description
Min.
Typ.
Max.
Unit
TRxClk
Receive clock period 100M MII
-
40
-
ns
TRxClk
Receive clock period 10M MII
-
400
-
ns
TdRxClk
MII_RXCLK falling edge to RXDV, RXD
1
-
4
ns
TdRxClk
MII_RXCLK
RXDV, RXD[3:0]
TRxClk
Oct 22, 2007
32/36
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com