Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
IP101A LF
Data Sheet
27/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Power-Down Modes
IP101A LF can be power-down by 4 methods. These 4 methods are as follow:
Power Down in bit 11 of Register 0: Enable this bit will disconnect the power to IP101A LF and also
internal clock, but MDC and MDIO are still activated.
APS mode in bit 1 of Register 16: Set high to this bit will set PHY into power saving mode(APS sleeping
mode) while link is down, MDC and MDIO are kept activated. IP101A LF will send NLP every 64ms during
APS sleeping mode.
Analog off in bit 0 of Register 16: Enable this bit will put IP101A LF in analog off state. This will power
down all analog functions but internal 25MHz operating clock is active, and MDC and MDIO are also
activated.
ISOL pin (pin 43): Set high will isolate IP101A LF from MAC and disable management interface (MDC and
MDIO). The power usage is at minimum when this pin is activated.
Repeater Modes
To enter Repeater mode, one can either set pin 40 (RPTR) to high or set 1 to bit 2 of Register 16 will allow
IP101A LF to enter Repeater mode. If IP101A LF is used in repeater, CRS will be high if IC is in process of
receiving packets, while IP101A LF is used in a network interface card, CRS will be generated in both
transmitting and receiving packets.
Miscellaneous
ISET (pin 28) should be connected to GND via a 6.2k ohm resistor with 1% accuracy to ensure a correct
driving current for transmit DAC.
Set low to pin 42, REST_N, for at least 10ms will reset all functions available in IP101A LF. The bit 15 of
Register 0 will put PHY into its default status.
Interrupt
IP101A LF provides 4 kinds of interrupt function: speed change, duplex change, link change and arbiter
state change. Interrupt masks could be selected by Reg 17, and an active low interrupt will be sent from
pin48 when event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com