Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
IP101A LF
Data Sheet
15/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Register Descriptions (continued)
Bit
Name
Description/Usage
Default value
(h): 0243
Register 2 : PHY Identifier Register 1
15:0
PHYID1
PHY identifier ID for software recognize IP101A LF
0X0243, RO
Bit
Name
Description/Usage
Default value
(h): 0C54
Register 3 : PHY Identifier Register 2
15:0
PHYID2
PHY identifier ID for software recognize
0X0C54, RO
Note : Register 2 and register 3 identifier registers altogether consist of Vender model, model revision
number and Organizationally Unique identifier (OUI) information. Total of 32 bits allocate in these 2
registers and they can return all zeroes in all bits if desired. Register 2 contains OUI’s most significant bits
and OUI’s least significant bits, Vender model, Model revision number are allocated in register 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com