Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
IP101A LF
Data Sheet
CRS_DV
RXD[1:0]
RX_ER
REFCLK
T DLY_RXD
Figure 5: Receive Delay
T R_RXD
T F_RXD
CRS_DV
RXD[1:0]
RX_ER
V IH_DIG(MAX)
V IL_DIG(MAX)
Figure 6: RMII Rise and Fall Times
d. RMII Transmit Timing
Symbol
Parameter
Min
Typ
Max
Units
TSU_TXD_RMII
TXD[1:0], TX_EN, Data Setup to REFCLK rising
edge
4.0
ns
THD_TXD_RMII
TXD[1:0], TX_EN, Data Hold from REFCLK
rising edge
2.0
ns
TX[1:0]
TX_EN
REFCLK
T HD_TXD_RMII
T SU_TXD_RMII
Valid Data
Figure 7: RMII Transmit Timing
7.2.3
SMI Timing
a. MDC/MDIO Timing
Symbol
Description
Min.
Typ.
Max.
Unit
Tch
MDC High Time
40
-
-
ns
Tcl
MDC Low Time
40
-
-
ns
Tcm
MDC period
80
-
-
ns
Tmd
MDIO output delay
-
-
5
ns
Oct 22, 2007
34/36
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com