Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IP101ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
IP101A LF
Data Sheet
10/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Pin Descriptions (continued)
Pin no.
Label
Type
Description
LED and PHY Address Configuration
These five pins are latched into the IP101A LF during reset to configure PHY address [4:0] used for MII
management register interface. And then, in normal operation after initial reset, they are used as driving
pins for status indication LED. The driving polarity, active low or active high, is determined by each
latched status of the PHY address [4:0] during reset. If latched status is high then it will be active low,
and if latched status is Low then it will be active high. Moreover, IP101A LF provides 2 LED operation
modes. If 2
nd LED mode is selected by pulling up pin CRS, only 4 LEDs are needed for status
indication. Default is first LED mode.
LED mode 1
LED mode 2
LED0
LINK
LINK /ACT(blinking)
LED1
FULL DUPLEX
FULL DUPLEX /COL(blinking)
LED2
10BT /ACT(blinking)
10BT
LED3
100BT /ACT(blinking)
100BT
LED4
COL
Reserved
9
PHYAD0/
LED0
LI/O
PHY Address [0]
Status:
Mode1: Active when linked.
Mode2: Active when linked and blinking when transmitting or
receiving data.
10
PHYAD1/
LED1
LI/O
PHY Address [1]
Status:
Mode1: Active when in Full Duplex operation.
Mode2: Active when in Full Duplex operation and blinking when
collisions occur.
12
PHYAD2/
LED2
LI/O
PHY Address [2]
Status:
Mode1: Active when linked in 10Base-T mode, and blinking
when transmitting or receiving data.
Mode2: Active when linked in 10Base-T mode.
13
PHYAD3/
LED3
LI/O
PHY Address [3]
Status:
Mode1: Active when linked in 100Base-TX and blinking when
transmitting or receiving data.
Mode2: Active when linked in 100Base-TX mode.
15
PHYAD4/
LED4
LI/O
PHY Address [4]
Status:
Mode1: Active when collisions occur.
Mode2: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com