Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP101ALF
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP101ALF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP101ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
IP101A LF
Data Sheet
1/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Single port 10/100 Fast Ethernet Transceiver
Features
10/100Mbps TX
Full-duplex or half-duplex
Supports Auto MDI/MDIX function
Fully compliant with IEEE 802.3/802.3u
Supports IEEE 802.3u auto-negotiation
Supports MII / RMII / SNI interface
IEEE 802.3 full duplex control specification
Supports Automatic Power Saving mode
Supports
BaseLine
Wander
(BLW)
compensation
Supports Interrupt function
Supports repeater mode
Single 3.3V power supply with built-in 2.5V
regulator
DSP-based PHY Transceiver technology
Using either 25MHz crystal/oscillator or
50MHz oscillator REF_CLK as clock source
Flexible LED display for speed, duplex, link,
activity and collision
Supports flow control to communicate with
other MAC through MDC and MDIO
0.25u, CMOS technology
48-pin LQFP
Support Lead Free package (Please refer to
the Order Information)
General Description
IP101A LF is an IEEE 802.3/802.3u compliant
single-port Fast Ethernet Transceiver for both
100Mbps and 10Mbps operations. It supports
Auto MDI/MDIX function to simplify the network
installation and reduce the system maintenance
cost. To improve the system performance, IP101A
LF provides a hardware interrupt pin to indicate
the link, speed and duplex status change. IP101A
LF also provides Media Independent Interface
(MII) / Serial Network Interface (SNI) or Reduced
Media Independent Interface (RMII) to connect
with different types of 10/100Mbps Media Access
Controller (MAC). IP101A LF is designed to use
category
5
unshielded
twisted-pair
cable
connecting to other LAN devices.
IP101A
LF Transceiver
is
fabricated
with
advanced CMOS technology, which the chip only
requires 3.3V as power supply and consumes
very low power in the Auto Power Saving mode.
IP101A LF can be implemented as Network
Interface Adapter with RJ-45 for twisted-pair
connection. It can also be easily implemented into
HUB, Switch, Router, Access Point.


Similar Part No. - IP101ALF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
IP101 PULSE-IP101 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
IP101G ETC-IP101G Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
IP101G-DS-R01 ETC-IP101G-DS-R01 Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
IP101GA ETC-IP101GA Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
IP101GR ETC-IP101GR Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results

Similar Description - IP101ALF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
National Semiconductor ...
DP83848T NSC-DP83848T Datasheet
912Kb / 72P
Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848K NSC-DP83848K_07 Datasheet
1,014Kb / 78P
Industrial Temperature Single Port 10/100 Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
logo
Texas Instruments
DP83848KSQ TI1-DP83848KSQ Datasheet
625Kb / 80P
Industrial Temperature Single Port 10/100 Ethernet Transceiver
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
SINGLE PORT FAST ETHERNET TRANSCEIVER
26-Oct-2000
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com