Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C110TQFP Datasheet (PDF) - SMSC Corporation

LAN91C110TQFP Datasheet PDF - SMSC Corporation
Part # LAN91C110TQFP
Download  LAN91C110TQFP Download
File Size   482.07 Kbytes
Page   55 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS

LAN91C110TQFP Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN91C110TQFP Datasheet PDF - SMSC Corporation

Part # LAN91C110TQFP
Download  LAN91C110TQFP Click to download

File Size   482.07 Kbytes
Page   55 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS

LAN91C110TQFP Datasheet (HTML) - SMSC Corporation


LAN91C110TQFP Product details

General Description

The LAN91C110 is designed to facilitate the implementation of second generation Fast Ethernet PC Card adapters and other non-PCI connectivity products. The LAN91C110 is a digital device that implements the Media Access Control (MAC) portion of the CSMA/CD protocol at 10 and 100 Mbps, and couples it with a lean and fast data and control path system architecture toensure that the CPU to packet RAM data movement does not cause a bottleneck at 100 Mbps.



Product Features

Dual Speed CSMA/CD Engine (10 Mbps and 100 Mbps)

Compliant with IEEE 802.3 100BASE-T Specification

Supports 100BASE-TX, 100BASE-T4

16 Bit Wide Data Path (into Packet Buffer Memory)

Generic 16-bit System Level Interface Easily Adaptable to ISA, PCMCIA (16-bit CardBus), and Various CPU System Interfaces

Support for 16 and 8 Bit CPU Accesses

Asynchronous Bus Interface

128 Kbyte External Memory

Built-in Transparent Arbitration for Slave Sequential Access Architecture

Flat MMU Architecture with Symmetric Transmit and Receive Structures and Queues

IEEE-802.3 MII (Media Independent Interface) Compliant MAC-PHY Interface Running at Nibble Rate

MII Management Serial Interface

IEEE-802.3u Full Duplex Capability

144 Pin TQFP lead-free RoHS Compliant package (1.0 Millimeter Height)




Similar Part No. - LAN91C110TQFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110-PU SMSC-LAN91C110-PU Datasheet
381Kb / 56P
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
More results


Similar Description - LAN91C110TQFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
PCMCIA Fast Ethernet MAC Controller
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
FAST ETHERNET PCMCIA LAN CONTROLLER
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
FEAST Fast Ethernet Controller
logo
SMSC Corporation
LAN91C100 SMSC-LAN91C100 Datasheet
347Kb / 101P
FEAST??Fast Ethernet Controller
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
FEAST Fast Ethernet Controller with Full Duplex Capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com