Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AR048B Datasheet (PDF) - STMicroelectronics

M69AR048B Datasheet PDF - STMicroelectronics
Part # M69AR048B
Download  M69AR048B Download
File Size   481.31 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM

M69AR048B Datasheet (PDF)

Go To PDF Page Download Datasheet
M69AR048B Datasheet PDF - STMicroelectronics

Part # M69AR048B
Download  M69AR048B Click to download

File Size   481.31 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM

M69AR048B Datasheet (HTML) - STMicroelectronics


M69AR048B Product details

SUMMARY DESCRIPTION

The M69AR048B is a 32 Mbit (33,554,432 bit) CMOS memory, organized as 2,097,152 words by 16 bits, and is supplied by a single 1.65V to 1.95V supply voltage range.

M69AR048B is a member of STMicroelectronics 1T/1C (one transistor per cell) memory family. These devices are manufactured using dynamic random access memory cells, to minimize the cell size, and maximize the amount of memory that can be implemented in a given area.



FEATURES SUMMARY

■ SUPPLY VOLTAGE: 1.65 to 1.95V

■ ACCESS TIMES: 70ns, 80ns, 85ns

■ LOW STANDBY CURRENT: 100µA

■ DEEP POWER-DOWN CURRENT: 10µA

■ BYTE CONTROL: UB/LB

■ PROGRAMMABLE PARTIAL ARRAY

■ COMPATIBLE WITH STANDARD LPSRAM

■ TRI-STATE COMMON I/O

■ 8 WORD PAGE ACCESS CAPABILITY: 25ns

■ WIDE OPERATING TEMPERATURE

– TA = –30 to +85°C

■ PARTIAL POWER-DOWN MODES

– Deep Power-Down

– 4 Mbit Partial Power-Down

– 8 Mbit Partial Power-Down

– 16 Mbit Partial Power-Down




Similar Part No. - M69AR048B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M69AW024BE60ZB8F STMICROELECTRONICS-M69AW024BE60ZB8F Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M69AW024BL60ZB8T STMICROELECTRONICS-M69AW024BL60ZB8T Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
M69AW024BL70ZB8T STMICROELECTRONICS-M69AW024BL70ZB8T Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
More results


Similar Description - M69AR048B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W032 STMICROELECTRONICS-M27W032 Datasheet
365Kb / 23P
32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
09-May-2003
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
8 Mbit 512K x16 1.8V Asynchronous SRAM
09-Oct-2002
M69AW048B STMICROELECTRONICS-M69AW048B Datasheet
433Kb / 29P
32 Mbit (2M x16) 3V Asynchronous PSRAM
15-Nov-2004
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
20-Jan-2006
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com