Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AR024D Datasheet (PDF) - STMicroelectronics

M68AR024D Datasheet PDF - STMicroelectronics
Part # M68AR024D
Download  M68AR024D Download
File Size   145.25 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 1M x16 1.8V Asynchronous SRAM

M68AR024D Datasheet (PDF)

Go To PDF Page Download Datasheet
M68AR024D Datasheet PDF - STMicroelectronics

Part # M68AR024D
Download  M68AR024D Click to download

File Size   145.25 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 1M x16 1.8V Asynchronous SRAM

M68AR024D Datasheet (HTML) - STMicroelectronics


M68AR024D Product details

Features
■ SUPPLY VOLTAGE: 1.65 to 1.95V
■ I/O SUPPLY VOLTAGE: 1.5 to 1.95V
■ 1M WORDS x 16 bits LOW POWER SRAM
■ EQUAL CYCLE and ACCESS TIME: 70ns
■ LOW VCC DATA RETENTION: 1.0V
■ LOW STANDBY CURRENT
■ TRI-STATE COMMON I/O
■ SINGLE BYTE READ/WRITE
■ AUTOMATIC POWER DOWN




Similar Part No. - M68AR024D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
M68AR128ML55ZB1T STMICROELECTRONICS-M68AR128ML55ZB1T Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
M68AR128ML55ZB6T STMICROELECTRONICS-M68AR128ML55ZB6T Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
M68AR128ML70ZB1T STMICROELECTRONICS-M68AR128ML70ZB1T Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
M68AR128ML70ZB6T STMICROELECTRONICS-M68AR128ML70ZB6T Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
More results


Similar Description - M68AR024D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
8 Mbit 512K x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
1 Mbit 64K x16 3.0V Asynchronous SRAM
23-Apr-2003
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
16 Mbit (1M x16) 3V Asynchronous PSRAM
29-Sep-2004
M69AR048B STMICROELECTRONICS-M69AR048B Datasheet
481Kb / 29P
32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
05-Oct-2005
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
16 Mbit (1M x16) 3V Asynchronous PSRAM
05-Apr-2005
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
07-Jun-2002
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
27-Apr-2004
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com