Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AW064F Datasheet (PDF) - STMicroelectronics

M68AW064F Datasheet PDF - STMicroelectronics
Part # M68AW064F
Download  M68AW064F Download
File Size   265.91 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 64K x16 3.0V Asynchronous SRAM

M68AW064F Datasheet (PDF)

Go To PDF Page Download Datasheet
M68AW064F Datasheet PDF - STMicroelectronics

Part # M68AW064F
Download  M68AW064F Click to download

File Size   265.91 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 64K x16 3.0V Asynchronous SRAM

M68AW064F Datasheet (HTML) - STMicroelectronics


M68AW064F Product details

Features
■ SUPPLY VOLTAGE: 2.7 to 3.6V
■ 64K x 16 bits SRAM with OUTPUT ENABLE
■ EQUAL CYCLE and ACCESS TIME: 55ns and 70ns
■ LOW STANDBY CURRENT
■ LOW VCC DATA RETENTION: 2.0V
■ TRI-STATE COMMON I/O
■ AUTOMATIC POWER DOWN




Similar Part No. - M68AW064F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW031A STMICROELECTRONICS-M68AW031A Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
M68AW031AL70N6U STMICROELECTRONICS-M68AW031AL70N6U Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
M68AW031AL70NS6U STMICROELECTRONICS-M68AW031AL70NS6U Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
M68AW031AM70MS6U STMICROELECTRONICS-M68AW031AM70MS6U Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
M68AW031AM70N6U STMICROELECTRONICS-M68AW031AM70N6U Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
More results


Similar Description - M68AW064F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
8 Mbit 512K x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
8 Mbit (512K x16) 3.0V Asynchronous SRAM
27-Sep-2004
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
24-Sep-2004
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
07-Jun-2002
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
4 Mbit (512K x8) 3.0V Asynchronous SRAM
24-Sep-2004
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
27-Apr-2004
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com