Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AR024D Datasheet(PDF) 3 Page - STMicroelectronics

Part # M68AR024D
Description  16 Mbit 1M x16 1.8V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AR024D Datasheet(HTML) 3 Page - STMicroelectronics

  M68AR024D Datasheet HTML 1Page - STMicroelectronics M68AR024D Datasheet HTML 2Page - STMicroelectronics M68AR024D Datasheet HTML 3Page - STMicroelectronics M68AR024D Datasheet HTML 4Page - STMicroelectronics M68AR024D Datasheet HTML 5Page - STMicroelectronics M68AR024D Datasheet HTML 6Page - STMicroelectronics M68AR024D Datasheet HTML 7Page - STMicroelectronics M68AR024D Datasheet HTML 8Page - STMicroelectronics M68AR024D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
M68AR024D
SUMMARY DESCRIPTION
The M68AR024D is a 16 Mbit (16,777,216 bit) Low
Power SRAM fabricated in STMicroelectronics ad-
vanced CMOS technology, organized as 1,048,576
words by 16 bits. The device exhibits fully static op-
eration requiring no external clocks or timing
strobes.
It needs 1.65 to 1.95V supply voltage. By using the
VCCQ pin all the outputs can be powered indepen-
dently from the core supply voltage allowing to
drive the I/O pins down to 1.5V. VCCQ pin can be
tied to Vcc if the feature is not required.
This device has a standard Asynchronous SRAM
Interface. Read and Write cycles can be per-
formed on a single byte by using UB/LB signals.
The device can be put into standby mode by using
E1/E2 pins. The same pins can be used to cas-
cade more devices in order to achieve deep mem-
ory expansion.
Standby mode allows a low current consumption,
up to 99%, by reducing internal activities.
The M68AR024D is available in TFBGA48 (0.75
mm pitch) package with industrial standard foot-
print.
Figure 2. Logic Diagram
Table 1. Signal Names
AI05400c
20
A0-A19
W
DQ0-DQ15
VCCQ
M68AR024D
G
16
E1
UB
LB
VSS
E2
VCC
A0-A19
Address Inputs
DQ0-DQ15
Data Input/Output
E1, E2
Chip Enables
G
Output Enable
W
Write Enable
UB
Upper Byte Enable Input
LB
Lower Byte Enable Input
VCC
Supply Voltage
VCCQ
I/O Supply Voltage
VSS
Ground
NC
Not Connected Internally
DU
Don’t Use as Internally Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com