Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AR024D Datasheet(PDF) 14 Page - STMicroelectronics

Part # M68AR024D
Description  16 Mbit 1M x16 1.8V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AR024D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M68AR024D Datasheet HTML 10Page - STMicroelectronics M68AR024D Datasheet HTML 11Page - STMicroelectronics M68AR024D Datasheet HTML 12Page - STMicroelectronics M68AR024D Datasheet HTML 13Page - STMicroelectronics M68AR024D Datasheet HTML 14Page - STMicroelectronics M68AR024D Datasheet HTML 15Page - STMicroelectronics M68AR024D Datasheet HTML 16Page - STMicroelectronics M68AR024D Datasheet HTML 17Page - STMicroelectronics M68AR024D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
M68AR024D
14/19
Figure 13. E1 Controlled, Low VCC Data Retention AC Waveforms
Figure 14. E2 Controlled, Low VCC Data Retention AC Waveforms
Table 9. Low VCC Data Retention Characteristics
Note: 1. All other Inputs at VIH ≥ VCCQ –0.2V or VIL ≤ 0.2V.
2. Tested initially and after any design or process changes that may affect these parameters.
tAVAV is Read cycle time.
3. No input may exceed VCC +0.2V.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ICCDR
(1)
Supply Current (Data Retention)
VCC = 1.0V, E1 ≥ VCCQ –0.2V OR
E2
≤ 0.2V OR
UB, LB
≥ VCCQ –0.2V,
f= 0
0.5
5
µA
tCDR
(2)
Chip deselected to Data
Retention Time
0ns
tR
(2)
Operation Recovery Time
tAVAV
ns
VDR
(1)
Supply Voltage (Data Retention)
E1
≥ VCCQ –0.2V OR
E2
≤ 0.2V OR
UB, LB
≥ VCCQ –0.2V,
f= 0
1.0
V
AI05855
DATA RETENTION MODE
tR
1.95V
tCDR
VCC
1.65V
VDR > 1.0V
E1
E1
≥ VDR – 0.2V
AI05875
DATA RETENTION MODE
1.95V
VCC
1.65V
VDR > 1.0V
E2
≤ 0.2V
tCDR
E2
tR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com