Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1471 Datasheet (PDF) - Maxim Integrated Products

MAX1471 Datasheet PDF - Maxim Integrated Products
Part # MAX1471
Download  MAX1471 Download
File Size   806.45 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver

MAX1471 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1471 Datasheet PDF - Maxim Integrated Products

Part # MAX1471
Download  MAX1471 Click to download

File Size   806.45 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver

MAX1471 Datasheet (HTML) - Maxim Integrated Products


MAX1471 Product details

General Description

The MAX1471 low-power, CMOS, superheterodyne, RF dual-channel receiver is designed to receive both amplitude-shift-keyed (ASK) and frequency-shift-keyed (FSK) data without reconfiguring the device or introducing any time delay normally associated with changing modulation schemes. The MAX1471 requires few external components to realize a complete wireless RF digital data receiver for the 300MHz to 450MHz ISM bands.



Features

♦ ASK and FSK Demodulated Data on Separate Outputs

♦ Specified over Automotive -40°C to +125°C Temperature Range

♦ Low Operating Supply Voltage Down to 2.4V

♦ On-Chip 3V Regulator for 5V Operation

♦ Low Operating Supply Current

  7mA Continuous Receive Mode

  1.1µA Deep-Sleep Mode

♦ Discontinuous Receive (DRX) Low-Power Management

♦ Fast-On Startup Feature < 250µs

♦ Integrated PLL, VCO, and Loop Filter

♦ 45dB Integrated Image Rejection

♦ RF Input Sensitivity

  ASK: -114dBm

  FSK: -108dBm

♦ Selectable IF BW with External Filter

♦ Programmable Through Serial User Interface

♦ RSSI Output and High Dynamic Range with AGC



Applications

Automotive Remote Keyless Entry (RKE)

Tire Pressure Monitoring Systems

Garage Door Openers

Wireless Sensors

Wireless Keys

Security Systems

Medical Systems

Home Automation

Local Telemetry Systems




Similar Part No. - MAX1471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1471 MAXIM-MAX1471 Datasheet
396Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471 Datasheet
332Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471 Datasheet
328Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX14713 MAXIM-MAX14713 Datasheet
532Kb / 7P
3V DC power supply
Rev 1; 8/17
MAX14713EVKIT MAXIM-MAX14713EVKIT Datasheet
532Kb / 7P
3V DC power supply
Rev 1; 8/17
More results


Similar Description - MAX1471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034_11 Datasheet
259Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com