Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1470 Datasheet (PDF) - Maxim Integrated Products

MAX1470 Datasheet PDF - Maxim Integrated Products
Part # MAX1470
Download  MAX1470 Download
File Size   220.86 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 315MHz Low-Power, 3V Superheterodyne Receiver

MAX1470 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1470 Datasheet PDF - Maxim Integrated Products

Part # MAX1470
Download  MAX1470 Click to download

File Size   220.86 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 315MHz Low-Power, 3V Superheterodyne Receiver

MAX1470 Datasheet (HTML) - Maxim Integrated Products


MAX1470 Product details

General Description

The MAX1470 is a fully integrated low-power CMOS superheterodyne receiver for use with amplitude-shift keyed (ASK) data in the 315MHz band. With few required external components, and a low-current power-down mode, it is ideal for cost- and power-sensitive applications in the automotive and consumer markets. The chip consists of a 315MHz low-noise amplifier (LNA), an image rejection mixer, a fully integrated 315MHz phase-lock-loop (PLL), a 10.7MHz IF limiting amplifier stage with received-signal-strength indicator (RSSI) and an ASK demodulator, and analog baseband data-recovery circuitry.

The MAX1470 is available in a 28-pin TSSOP package.



Features

♦ Operates from a Single +3.0V to +3.6V Supply

♦ Built-In 53dB RF Image Rejection

♦ -115dBm Receive Sensitivity*

♦ 250µs Startup Time

♦ Low 5.5mA Operating Supply Current

♦ 1.25µA Low-Current Power-Down Mode for Efficient Power Cycling

♦ 250MHz to 500MHz Operating Band (Image Rejection Optimized at 315MHz)

♦ Integrated PLL with On-Board Voltage-Controlled Oscillator (VCO) and Loop Filter

♦ Selectable IF Bandwidth Through External Filter

♦ Complete Receive System from RF to Digital Data Out



Applications

Remote Keyless Entry

Garage Door Openers

Remote Controls

Wireless Sensors

Wireless Computer Peripherals

Security Systems

Toys

Video Game Controllers

Medical Systems




Similar Part No. - MAX1470

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1470 MAXIM-MAX1470 Datasheet
284Kb / 6P
MAX1470 Evaluation Kit
Rev 1; 12/02
MAX1470EU MAXIM-MAX1470EU Datasheet
1Mb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
2014
MAX1470EVKIT MAXIM-MAX1470EVKIT Datasheet
316Kb / 6P
Proven Components Parts List
Rev 1; 12/02
MAX1470EVKIT-315 MAXIM-MAX1470EVKIT-315 Datasheet
284Kb / 6P
MAX1470 Evaluation Kit
Rev 1; 12/02
MAX1470EVKIT-315 MAXIM-MAX1470EVKIT-315 Datasheet
316Kb / 6P
Proven Components Parts List
Rev 1; 12/02
More results


Similar Description - MAX1470

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX7042 MAXIM-MAX7042 Datasheet
225Kb / 18P
308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 0; 5/05
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX1470 MAXIM-MAX1470_V01 Datasheet
1Mb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
2014
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com