Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7042 Datasheet (PDF) - Maxim Integrated Products

MAX7042 Datasheet PDF - Maxim Integrated Products
Part # MAX7042
Download  MAX7042 Download
File Size   225.37 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver

MAX7042 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7042 Datasheet PDF - Maxim Integrated Products

Part # MAX7042
Download  MAX7042 Click to download

File Size   225.37 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver

MAX7042 Datasheet (HTML) - Maxim Integrated Products


MAX7042 Product details

General Description
The MAX7042 fully integrated, low-power, CMOS superheterodyne RF receiver is designed to receive  frequency-shift-keyed (FSK) data at rates up to 66kbps nonreturn-to-zero (NRZ) (33kbps Manchester). The MAX7042 requires only a few external components to realize a complete wireless RF receiver at 308, 315, 418, and 433.92MHz.
The MAX7042 includes all the active components
required in a superheterodyne receiver including a low noise amplifier (LNA), an image-rejection (IR) mixer, a fully integrated phase-locked loop (PLL), local oscillator (LO), 10.7MHz IF limiting amplifier with received-signal-strength indicator (RSSI), low-noise FM demodulator, and a 3V regulator. Differential peak-detecting data demodulators are included for baseband data recovery.
The MAX7042 is available in a 32-pin TQFN and is specified over the automotive -40°C to +125°C temperature range.

Features
♦ +2.4V to +3.6V or +4.5V to +5.5V Single-Supply Operation
♦ Four User-Selectable Carrier Frequencies
   308, 315, 418, and 433.92MHz
♦ -110dBm RF Input Sensitivity at 315MHz
♦ -109dBm RF Input Sensitivity at 433.92MHz
♦ Fast Startup (< 250µs)
♦ Small 32-Pin TQFN Package
♦ Low Operating Supply Current
   6.2mA Continuous
   20nA Power-Down
♦ Integrated PLL, VCO, and Loop Filter
♦ 45dB Integrated Image Rejection
♦ Selectable IF BW with External Filter
♦ Positive and Negative Peak Detectors
♦ RSSI Output

Applications
   Remote Keyless Entry
   Tire-Pressure Monitoring
   Home and Office Lighting Control
   Remote Sensing
   Smoke Alarms
   Home Automation
   Local Telemetry Systems
   Security Systems




Similar Part No. - MAX7042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7042 MAXIM-MAX7042 Datasheet
440Kb / 19P
308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7042 MAXIM-MAX7042 Datasheet
190Kb / 17P
308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 2; 1/12
MAX7042 MAXIM-MAX7042 Datasheet
1Mb / 7P
Available in 315MHz or 433.92MHz Optimized Versions
Rev 0; 9/09
MAX7042AAX MAXIM-MAX7042AAX Datasheet
440Kb / 19P
308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7042ATJ MAXIM-MAX7042ATJ Datasheet
440Kb / 19P
308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
More results


Similar Description - MAX7042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7042 MAXIM-MAX7042_07 Datasheet
440Kb / 19P
308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7042 MAXIM-MAX7042_12 Datasheet
190Kb / 17P
308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 2; 1/12
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com