Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2056 Datasheet (PDF) - Maxim Integrated Products

MAX2056 Datasheet PDF - Maxim Integrated Products
Part # MAX2056
Download  MAX2056 Download
File Size   716.44 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control

MAX2056 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2056 Datasheet PDF - Maxim Integrated Products

Part # MAX2056
Download  MAX2056 Click to download

File Size   716.44 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control

MAX2056 Datasheet (HTML) - Maxim Integrated Products


MAX2056 Product details

General Description
The MAX2056 general-purpose, high-performance variable-gain amplifier (VGA) is designed to operate in the 800MHz to 1000MHz frequency range*. This device features 15.5dB of gain, 4.5dB of noise figure, and an output 1dB compression point of 23.5dBm. The MAX2056 also provides an exceptionally high OIP3 level of 39dBm, which is maintained over the entire attenuation range. In addition, the on-chip analog attenuators yield infinite control and high attenuation accuracy over selectable 22dB or 44dB control ranges. Each of these features makes the MAX2056 an ideal VGA for cellular band GSM, cdma2000®, W-CDMA, and iDEN® transmitter and power amplifier AGC circuits.

Features
♦ 800MHz to 1000MHz RF Frequency Range*
♦ 39dBm Constant OIP3 (Over All Gain Settings)
♦ 23.5dBm Output 1dB Compression Point
♦ 15.5dB Typical Gain at Maximum Gain Setting
♦ 0.15dB Gain Flatness Over 100MHz Bandwidth
♦ 4.5dB Noise Figure at Maximum Gain Setting (Using 1 Attenuator)
♦ Two Gain-Control Ranges: 22dB and 44dB
♦ Analog Gain Control
♦ Single +5V Supply Voltage
♦ Pin Compatible with MAX2057, 1700MHz to 2500MHz RF VGA
♦ External Current-Setting Resistors Provide Option for Operating VGA in Reduced-Power/ReducedPerformance Mode
♦ Lead-Free Package Available

Applications
    GSM 850/GSM 900 2G and 2.5G EDGE Base-Station Transmitters and Power Amplifiers
    Cellular cdmaOne™, cdma2000, and Integrated Digital Enhanced Network (iDEN) Base-Station Transmitters and Power Amplifiers
    W-CDMA 850MHz and Other 3G Base-Station Transmitters and Power Amplifiers
    Transmitter Gain Control
    Receiver Gain Control
    Broadband Systems
    Automatic Test Equipment
    Digital and Spread-Spectrum Communication Systems
    Microwave Terrestrial Links




Similar Part No. - MAX2056

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
258Kb / 6P
Evaluation Kit
Rev 0; 2/05
MAX2056EVKIT MAXIM-MAX2056EVKIT Datasheet
258Kb / 6P
Evaluation Kit
Rev 0; 2/05
MAX2056 MAXIM-MAX2056_1 Datasheet
258Kb / 6P
Evaluation Kit
Rev 0; 2/05
More results


Similar Description - MAX2056

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control 400 - 2700 MHz
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
logo
RF Micro Devices
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA3007L RFMD-RVA3007L Datasheet
973Kb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
Variable Gain Amplifier with Automatic Gain Control Detector
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com