Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2057 Datasheet (PDF) - Maxim Integrated Products

MAX2057 Datasheet PDF - Maxim Integrated Products
Part # MAX2057
Download  MAX2057 Download
File Size   814.07 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control

MAX2057 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2057 Datasheet PDF - Maxim Integrated Products

Part # MAX2057
Download  MAX2057 Click to download

File Size   814.07 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control

MAX2057 Datasheet (HTML) - Maxim Integrated Products


MAX2057 Product details

General Description
The MAX2057 general-purpose, high-performance variable-gain amplifier (VGA) is designed to operate in the 1700MHz to 2500MHz frequency range*. This device features 15.5dB of gain, 6dB of noise figure, and an output 1dB compression point of 23.8dBm. The MAX2057 also provides an exceptionally high OIP3 level of 37dBm, which is maintained over the entire attenuation range. In addition, the on-chip analog attenuators yield infinite control and high attenuation accuracy over selectable 21dB or 42dB control ranges. Each of these features makes the MAX2057 an ideal VGA for DCS/PCS, cdma2000™, W-CDMA, and PHS/PAS transmitter and power amplifier AGC circuits.

Features
♦ 1700MHz to 2500MHz RF Frequency Range*
♦ 37dBm Constant OIP3 (Over All Gain Settings)
♦ 23.8dBm Output 1dB Compression Point
♦ 15.5dB Typical Gain at Maximum Gain Setting
♦ 0.5dB Gain Flatness Over 100MHz Bandwidth
♦ 6dB Noise Figure at Maximum Gain Setting (Using 1 Attenuator)
♦ Two Gain-Control Ranges: 21dB and 42dB
♦ Analog Gain Control
♦ Single +5V Supply Voltage
♦ Pin Compatible with MAX2056, 800MHz to 1000MHz RF VGA
♦ External Current-Setting Resistors Provide Option for Operating VGA in Reduced-Power/ReducedPerformance Mode
♦ Lead-Free Package Available

Applications
    DCS 1800/PCS 1900 2G and 2.5G EDGE Base-Station Transmitters and Power Amplifiers
    cdmaOne™, cdma2000, Base-Station Transmitters and Power Amplifiers
    UMTS/W-CDMA and Other 3G Base-Station Transmitters and Power Amplifiers
    PHS/PAS Base-Station Transmitters and Power Amplifiers
    Transmitter Gain Control
    Receiver Gain Control
    Broadband Systems
    Automatic Test Equipment
    Digital and Spread-Spectrum Communication Systems
    Microwave Terrestrial Links




Similar Part No. - MAX2057

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
606Kb / 6P
Evaluation Kit
Rev 0; 1/05
MAX2057ETX+ MAXIM-MAX2057ETX+ Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
MAX2057ETX+T MAXIM-MAX2057ETX+T Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
MAX2057EVKIT MAXIM-MAX2057EVKIT Datasheet
606Kb / 6P
Evaluation Kit
Rev 0; 1/05
MAX2057 MAXIM-MAX2057_1 Datasheet
606Kb / 6P
Evaluation Kit
Rev 0; 1/05
More results


Similar Description - MAX2057

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control 400 - 2700 MHz
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
Variable Gain Amplifier with Automatic Gain Control Detector
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com