Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8720 Datasheet (PDF) - Maxim Integrated Products

MAX8720 Datasheet PDF - Maxim Integrated Products
Part # MAX8720
Download  MAX8720 Download
File Size   987.02 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dynamically Adjustable 6-Bit VID Step-Down Controller

MAX8720 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8720 Datasheet PDF - Maxim Integrated Products

Part # MAX8720
Download  MAX8720 Click to download

File Size   987.02 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dynamically Adjustable 6-Bit VID Step-Down Controller

MAX8720 Datasheet (HTML) - Maxim Integrated Products


MAX8720 Product details

General Description
The MAX8720 step-down controller is intended for core CPU DC-DC converters in notebook computers. It features a dynamically adjustable output, ultra-fast transient response, high DC accuracy, and the high efficiency needed for leading-edge CPU core power supplies. Maxim’s proprietary Quick-PWM™ quick-response, constant-on-time, PWM control scheme handles wide input/output voltage ratios with ease and provides 100ns “instant-on” response to load transients while maintaining a relatively constant switching frequency.

Features
♦ Quick-PWM Architecture
♦ ±1% VOUT Accuracy Over Line and Load
♦ 6-Bit On-Board DAC with Input Muxes
♦ Precision-Adjustable VOUT Slew Control
♦ 0.275V to 1.850V Output Adjust Range
♦ Remote Feedback and Ground Sense
♦ Supports Voltage-Positioned Applications
♦ 2V to 28V Battery Input Range
♦ 200kHz/300kHz/550kHz/1000kHz Switching Frequency
♦ Over/Undervoltage Protection
♦ Drives Large Synchronous-Rectifier FETs
♦ 800µA (typ) ICC Supply Current
♦ 10µA (typ) Shutdown Supply Current
♦ 2V ±0.75% Reference Output
♦ PGOOD Blanking During Transition

Applications
    CPU Core Supply Converters
    GPU Core Supply Converters
    Notebook and Subnotebook Computers




Similar Part No. - MAX8720

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX872 MAXIM-MAX872 Datasheet
112Kb / 8P
10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX872-MAX874 MAXIM-MAX872-MAX874 Datasheet
112Kb / 8P
10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722AEEG MAXIM-MAX8722AEEG Datasheet
383Kb / 20P
Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
More results


Similar Description - MAX8720

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX1549ETL MAXIM-MAX1549ETL Datasheet
504Kb / 35P
Dual, Interleaved, Fixed-Frequency Step-Down Controller with a Dynamically Adjustable Output
Rev 0; 1/04
logo
STMicroelectronics
L6725 STMICROELECTRONICS-L6725 Datasheet
533Kb / 27P
Low cost adjustable step-down controller
26-Jun-2006
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
Dual step-down controller with adjustable LDO
02-Nov-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
logo
Vishay Siliconix
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
14-jun-04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com