Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet (PDF) - STMicroelectronics

L6910 Datasheet PDF - STMicroelectronics
Part # L6910
Download  L6910 Download
File Size   453.76 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION

L6910 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6910 Datasheet PDF - STMicroelectronics

Part # L6910
Download  L6910 Click to download

File Size   453.76 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION

L6910 Datasheet (HTML) - STMicroelectronics


L6910 Product details

DESCRIPTION
The device is a pwm controller for high performance dc-dc conversion from 3.3V, 5V and 12V buses.
The output voltage is adjustable down to 0.9V; higher voltages can be obtained with an external voltage divider.
High peak current gate drivers provide for fast switching to the external power section, and the output current can be in excess of 20A.
The device assures protections against load overcurrent and overvoltage. An internal crowbar is also provided turning on the low side mosfet as long as the over-voltage is detected. In case of over-current detection, the soft start capacitor is discharged and the system works in HICCUP mode.

FEATURES
■ OPERATING SUPPLY VOLTAGE FROM 5V TO 12V BUSES
■ UP TO 1.3A GATE CURRENT CAPABILITY
■ ADJUSTABLE OUTPUT VOLTAGE
■ N-INVERTING E/A INPUT AVAILABLE
■ 0.9V ±1.5% VOLTAGE REFERENCE
■ VOLTAGE MODE PWM CONTROL
■ VERY FAST LOAD TRANSIENT RESPONSE
■ 0% TO 100% DUTY CYCLE
■ POWER GOOD OUTPUT
■ OVERVOLTAGE PROTECTION
■ HICCUP OVERCURRENT PROTECTION
■ 200kHz INTERNAL OSCILLATOR
■ OSCILLATOR EXTERNALLY ADJUSTABLE FROM 50kHz TO 1MHz
■ SOFT START AND INHIBIT
■ PACKAGES: SO-16 & HTSSOP16

APPLICATIONS
■ SUPPLY FOR MEMORIES AND TERMINATIONS
■ COMPUTER ADD-ON CARDS
■ LOW VOLTAGE DISTRIBUTED DC-DC
■ MAG-AMP REPLACEMENT




Similar Part No. - L6910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910A STMICROELECTRONICS-L6910A Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910ATR STMICROELECTRONICS-L6910ATR Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910GTR STMICROELECTRONICS-L6910GTR Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
More results


Similar Description - L6910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
26-Jun-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com