Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 1 Page - STMicroelectronics

  L6910 Datasheet HTML 1Page - STMicroelectronics L6910 Datasheet HTML 2Page - STMicroelectronics L6910 Datasheet HTML 3Page - STMicroelectronics L6910 Datasheet HTML 4Page - STMicroelectronics L6910 Datasheet HTML 5Page - STMicroelectronics L6910 Datasheet HTML 6Page - STMicroelectronics L6910 Datasheet HTML 7Page - STMicroelectronics L6910 Datasheet HTML 8Page - STMicroelectronics L6910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
L6910
L6910A
July 2003
FEATURE
s
OPERATING SUPPLY VOLTAGE FROM 5V
TO 12V BUSES
s
UP TO 1.3A GATE CURRENT CAPABILITY
s
ADJUSTABLE OUTPUT VOLTAGE
s
N-INVERTING E/A INPUT AVAILABLE
s
0.9V ±1.5% VOLTAGE REFERENCE
s
VOLTAGE MODE PWM CONTROL
s
VERY FAST LOAD TRANSIENT RESPONSE
s
0% TO 100% DUTY CYCLE
s
POWER GOOD OUTPUT
s
OVERVOLTAGE PROTECTION
s
HICCUP OVERCURRENT PROTECTION
s
200kHz INTERNAL OSCILLATOR
s
OSCILLATOR EXTERNALLY ADJUSTABLE
FROM 50kHz TO 1MHz
s
SOFT START AND INHIBIT
s
PACKAGES: SO-16 & HTSSOP16
APPLICATIONS
s
SUPPLY FOR MEMORIES AND TERMI-
NATIONS
s
COMPUTER ADD-ON CARDS
s
LOW VOLTAGE DISTRIBUTED DC-DC
s
MAG-AMP REPLACEMENT
DESCRIPTION
The device is a pwm controller for high performance
dc-dc conversion from 3.3V, 5V and 12V buses.
The output voltage is adjustable down to 0.9V; higher
voltages can be obtained with an external voltage di-
vider.
High peak current gate drivers provide for fast switch-
ing to the external power section, and the
output
current can be in excess of 20A.
The device assures protections against load overcur-
rent and overvoltage. An internal crowbar is also pro-
vided turning on the low side mosfet as long as the
over-voltage is detected. In case of over-current de-
tection, the soft start capacitor is discharged and the
system works in HICCUP mode.
SO-16 (Narrow)
HTSSOP16 (Exposed Pad)
ORDERING NUMBERS:
L6910
(SO-16)
L6910A
(HTSSOP16)
L6910TR (Tape & Reel) L6910ATR (Tape & Reel)
ADJUSTABLE STEP DOWN CONTROLLER
WITH SYNCHRONOUS RECTIFICATION
BLOCK DIAGRAM
L6910
PGND
PHASE
GND
VFB
LGATE
BOOT
UGATE
VCC
OCSET
Vin 5V to12V
Vo
PGOOD
COMP
SS
Monitor
Protection and Ref
OSC
+
-
+
-
E/A
PWM
EAREF
OSC
VREF
300k
RT


Similar Part No. - L6910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910A STMICROELECTRONICS-L6910A Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910ATR STMICROELECTRONICS-L6910ATR Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6910GTR STMICROELECTRONICS-L6910GTR Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
More results

Similar Description - L6910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
26-Jun-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com