Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6910 Datasheet HTML 9Page - STMicroelectronics L6910 Datasheet HTML 10Page - STMicroelectronics L6910 Datasheet HTML 11Page - STMicroelectronics L6910 Datasheet HTML 12Page - STMicroelectronics L6910 Datasheet HTML 13Page - STMicroelectronics L6910 Datasheet HTML 14Page - STMicroelectronics L6910 Datasheet HTML 15Page - STMicroelectronics L6910 Datasheet HTML 16Page - STMicroelectronics L6910 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
L6910A L6910
Output Capacitor
In the demo 5 POSCAP capacitors, model 6TPB330M, are used, with a maximum ESR equal to 40m
Ω each.
Therefore the resultant ESR is of 8m
Ω. For load transient of 8A in the worst case the voltage drop is of:
∆Vout = 8 · 0.008 = 64mV
The voltage drop due to the capacitor discharge during load transient, considering that the maximum duty cycle
is equal to 100% results in 16.4mV with 1.2V of programmed output.
Input Capacitor
For IOUT = 8A and D=0.5 (worst case for input ripple current), Irms is equal to 4A. Three OSCON electrolytic
capacitors 20SA100M, with a maximum ESR equal to 30m
Ω, are chosen to sustain the ripple. Therefore, the
resultant ESR is equal to 30m
Ω/3 = 10mΩ. So the losses in worst case are:
P = ESR ·
= 160mW
Over-Current Protection
The peak current is in this case equal to 12A, substituting the demo board parameters in the relationship report-
ed in the relative section, (IOCSMIN = 170µA; IP = 12A; RDSONMAX = 9mΩ) it results that ROCS = 620Ω.
Efficiency
Figure 12 shows the measured efficiency versus load current for different values of output voltage. The measure
was done at Vin = 5V for different values of the output voltage (0.9V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V). IC supply
voltage is of 12V.
In the application one mosfets STS12NF30L (30V, 10m
Ω typ @ Vgs = 4.5V) is used for both the low and the
high side.
Since the board has been layed out with the possibility to use up to three SO8 mosfets for both high and low
side switch, to increase efficiency at low output voltages, an additional mosfet on the low side can be considered
because of the duty cycle.
Table 1. Part List
R2
10k
SMD 0805
R3
4.7k
1%
SMD 0805
R5
47k
SMD 0805
R6
10
SMD 0805
R7
620
SMD 0805
R10
14k
E96 1%
SMD 0805
R11
6.98k
E96 1% (optional)
SMD 0805
R12
2.61k
E96 1% (optional)
SMD 0805
R13
1.74k
E96 1% (optional)
SMD 0805
C1
100
µ
OSCON - 20SA100M
Radial 10x10.5mm
C4…C11
330
µ
POSCAP - 6TPB330M
SMD 7343
C12, C13, C15, C21
100n
Ceramic
SMD 0805
C14
1n
Ceramic
SMD 0805
C19
56n
Ceramic
SMD 0805
L1
1.5
µ
T44-52 Core, 7T-18AWG
L2
4.2
µ
SUMIDA CEE125 series
U1
L6910
STMicroelectronics
SO16 NARROW
Q1, Q4
STS12NF30L
STMicroelectronics
SO8
D1
1N4148
STMicroelectronics
SOT23
D2
STPS3340U
STMicroelectronics
SMB
F1
251015A-15°
Littlefuse
AXIAL
I
rm s
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com