Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8727 Datasheet (PDF) - Maxim Integrated Products

MAX8727 Datasheet PDF - Maxim Integrated Products
Part # MAX8727
Download  MAX8727 Download
File Size   253.2 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description TFT-LCD Step-Up DC-DC Converter

MAX8727 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8727 Datasheet PDF - Maxim Integrated Products

Part # MAX8727
Download  MAX8727 Click to download

File Size   253.2 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description TFT-LCD Step-Up DC-DC Converter

MAX8727 Datasheet (HTML) - Maxim Integrated Products


MAX8727 Product details

General Description
The MAX8727 is a high-performance step-up DC-DC converter that provides a regulated supply voltage for active-matrix thin-film transistor (TFT) liquid-crystal displays (LCDs). The MAX8727 incorporates currentmode, fixed-frequency, pulse-width modulation (PWM) circuitry with a built-in n-channel power MOSFET to achieve high efficiency and fast transient response.

Features
♦ 90% Efficiency
♦ Adjustable Output from VIN to 24V
♦ 2.6V to 5.5V Input Supply Range
♦ Input Supply Undervoltage Lockout
♦ Pin-Programmable 640kHz/1.2MHz Switching Frequency
♦ Programmable Soft-Start
♦ 0.1µA Shutdown Current
♦ Small 10-Pin Thin DFN Package

Applications
    Notebook Computer Displays
    LCD Monitor Panels




Similar Part No. - MAX8727

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX872 MAXIM-MAX872 Datasheet
112Kb / 8P
10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX872-MAX874 MAXIM-MAX872-MAX874 Datasheet
112Kb / 8P
10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720EEI MAXIM-MAX8720EEI Datasheet
987Kb / 31P
Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720ETX MAXIM-MAX8720ETX Datasheet
987Kb / 31P
Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
More results


Similar Description - MAX8727

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Maxim Integrated Produc...
MAX8752 MAXIM-MAX8752 Datasheet
240Kb / 12P
TFT LCD Step-Up DC-DC Converter
Rev 0; 8/05
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Global Mixed-mode Techn...
G5120 GMT-G5120 Datasheet
90Kb / 1P
600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
G5110 GMT-G5110 Datasheet
91Kb / 1P
600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com