Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3274 Datasheet (PDF) - Exar Corporation

MP3274 Datasheet PDF - Exar Corporation
Part # MP3274
Download  MP3274 Download
File Size   170.7 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem

MP3274 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3274 Datasheet PDF - Exar Corporation

Part # MP3274
Download  MP3274 Click to download

File Size   170.7 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem

MP3274 Datasheet (HTML) - Exar Corporation


MP3274 Product details

GENERAL DESCRIPTION
The MP3274 is a complete 32-channel, 12-bit Data Acquisition Subsystem with 3-state output buffers for direct interfacing to 16-bit microprocessor buses. Implemented using an advanced BiCMOS process, the converter combines a 32-channel passive overvoltage protected multiplexer instrumentation amp, a sample & hold, a SAR, a 12-bit decoded D/A, a comparator, a precision reference and the control logic to achieve an accurate, repeated conversion in less than 15µs, and a mux/instrumentation amp settling period of less than 10µs.

FEATURES
• Complete 32-Channel 12-Bit A/D Converter with Sample & Hold, Reference, Clock and 3-State Outputs
• Fast Conversion, less than 15µS
• Microprocessor Bus Interface
• Parallel or Serial Data Output Modes
• 65 ns Bus Access Time
• Remote Analog Ground Sensing
• Overvoltage Protected Input (±50 V over the Supply Voltages)
• Precision Reference for Long Term Stability and Low Gain T.C.
• Guaranteed Linearity Over Temperature
• Guaranteed Performance at +12/–5 V, ±12 & ±15 V
• Low Power (3 mW per Channel Typical)
• 16 Channel Version: MP3276 & MP3275




Similar Part No. - MP3274

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3275AE EXAR-MP3275AE Datasheet
138Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276AG EXAR-MP3276AG Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276AP EXAR-MP3276AP Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
More results


Similar Description - MP3274

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Exar Corporation
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
8-Channel, 12-Bit Serial Data Acquisition System
23-Feb-2017
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com