Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3276 Datasheet (PDF) - Exar Corporation

MP3276 Datasheet PDF - Exar Corporation
Part # MP3276
Download  MP3276 Download
File Size   170.4 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem

MP3276 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3276 Datasheet PDF - Exar Corporation

Part # MP3276
Download  MP3276 Click to download

File Size   170.4 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem

MP3276 Datasheet (HTML) - Exar Corporation


MP3276 Product details

GENERAL DESCRIPTION
The MP3276 is a complete 16-channel, 12-bit Data Acquisition Subsystem with 3-state output buffers for direct interfacing to 16-bit microprocessor buses. Implemented using an advanced BiCMOS process, the converter combines a 16-channel passive overvoltage protected multiplexer instrumentation amp, a sample & hold, a SAR, a 12-bit decoded D/A, a comparator, a precision reference and the control logic to achieve an accurate repeated conversion in less than 15µs, and a mux/instrumentation amp settling period of less than 10µs.

FEATURES
• Fault Protected 16-Channel 12-Bit A/D Converter with Sample & Hold, Reference, Clock and 3-state Outputs
• Fast Conversion, less than 15µS
• Microprocessor Bus Interface
• 2’s Complement Data Output
• Parallel or Serial Data Output Modes
• 65 ns Bus Access Time
• Remote Analog Ground Sensing
• Overvoltage Protected Input (±50 V over the Supply Voltages)
• Precision Reference for Long Term Stability and Low Gain T.C.
• Guaranteed Linearity Over Temperature
• Guaranteed Performance at +12/–5 V, ±12 & ±15 V
• Low Power: 110 mW typ. (7 mW per Channel typ.)
• 32 Channel Version: MP3274




Similar Part No. - MP3276

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP3274 EXAR-MP3274 Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3274AG EXAR-MP3274AG Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3274AP EXAR-MP3274AP Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3274SG EXAR-MP3274SG Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
More results


Similar Description - MP3276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Exar Corporation
MP3274 EXAR-MP3274 Datasheet
170Kb / 16P
Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com