Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3276 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP3276
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3276 Datasheet(HTML) 2 Page - Exar Corporation

  MP3276 Datasheet HTML 1Page - Exar Corporation MP3276 Datasheet HTML 2Page - Exar Corporation MP3276 Datasheet HTML 3Page - Exar Corporation MP3276 Datasheet HTML 4Page - Exar Corporation MP3276 Datasheet HTML 5Page - Exar Corporation MP3276 Datasheet HTML 6Page - Exar Corporation MP3276 Datasheet HTML 7Page - Exar Corporation MP3276 Datasheet HTML 8Page - Exar Corporation MP3276 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP3276
2
Rev. 4.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
DNL
(LSB)
PGA
–40 to +85
°C
2
MP3276AG
INL
(LSB)
2
PLCC
–40 to +85
°C
2
MP3276AP
2
PIN CONFIGURATIONS
68 Pin PGA
G68
See the following
page for pin
numbers and
descriptions
Index
Mark
68 Pin PLCC
P68
1
See the following
page for pin
numbers and
descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com