Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3276 Datasheet(PDF) 6 Page - Exar Corporation

Part # MP3276
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3276 Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP3276 Datasheet HTML 2Page - Exar Corporation MP3276 Datasheet HTML 3Page - Exar Corporation MP3276 Datasheet HTML 4Page - Exar Corporation MP3276 Datasheet HTML 5Page - Exar Corporation MP3276 Datasheet HTML 6Page - Exar Corporation MP3276 Datasheet HTML 7Page - Exar Corporation MP3276 Datasheet HTML 8Page - Exar Corporation MP3276 Datasheet HTML 9Page - Exar Corporation MP3276 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP3276
6
Rev. 4.00
PRODUCT INFORMATION
Basic Description
The MP3276 is a fault protected data acquisition subsystem
available in monolithic form. This product contains all of the cir-
cuitry necessary to acquire 16 channels of quasi differential or
single-ended analog signals at
10 V input range and 15kHz
bandwidth. Connections to power, the analog input signals and
the digital system are all that is required. The MP3276’s input
circuitry is protected against active input signals present with the
MP3276 power off. This is also the case for any channel exceed-
ing the MP3276 analog input dynamic range without interfering
with the channel being digitized. The channel address and
channel conversion can be managed in two ways: random
channel conversion or same channel conversion. Circuitry on
the chip adds a MUX/instrumentation amp settling (STL) delay
of 10
µs max, when a new channel is selected (ADEN = 1). Con-
version start is initiated without delay for the single-channel case
(ADEN = 0). Data is available in either parallel or serial format.
TIMING
Control and Timing Considerations – Parallel Mode (PXS = 1)
The MP3276 can be operated in the stand-alone mode, with
one line for control and everything else hard-wired; or under mi-
croprocessor control, where changes can be made dynamically.
There are 4 control lines: ADEN, CS, WR, and RD with their
functions described in
Table 1.
PXS is the control pin for formatting data for serial or parallel
control.
Note 1: If RD = 1, data outputs remain high impedance. It is recommended that RD will not change during a conver-
sion in order to reduce noise. It is further recommended that RD = 1 during conversion to reject any noise present on
the data bus.
Table 1. Logic Truth Table for PXS = 1 (Parallel Mode)
CS
WR
RD
ADEN
Data
STL
STS
Comments
1
X
X
X
––
0
0
No operation
0
↓
1
0
Hi-Z
0
0
No operation if ADEN = 0
0
↓
1
1
Hi-Z
↑
0
Input MUX channel selected, STL set on WR falling edge
0
0
1
X
Hi-Z
1
0
MUX select disabled
0
↑
1
X
Hi-Z
0
↑
Start convert on WR rising edge
0
1
1
X
Hi-Z
↓↑
Start convert on STL falling edge
0
1
1
X
Hi-Z
0
↓
STS goes low at end of conversion
01
↓
X
––
0
0
Data outputs enabled
0
X
0
X
ADC
0
0
Data from previous conversion on data bus
0X
↑
X
Hi-Z
0
0
Data outputs disabled
0
1
X
X
Hi-Z
0
1
Data/RD disabled while STS high
0
X
0
X
Last ADC
1
0
Data from last conversion on data bus
0
0
0
Hi-Z
0
↑
STL, MUX select disabled with ADEN = 0,
data outputs disabled on STS rising edge
0
0
X
ADC
0
↓
New data appears on data bus on falling edge of STS
Read ADC Data – Parallel Output Mode (PXS = 1)
(See Figure 2. and Table 3.)
ADC Channel Select and Start Convert
(See Figure 1. and Table 2.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com