Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3276 Datasheet(PDF) 7 Page - Exar Corporation

Part # MP3276
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3276 Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP3276 Datasheet HTML 3Page - Exar Corporation MP3276 Datasheet HTML 4Page - Exar Corporation MP3276 Datasheet HTML 5Page - Exar Corporation MP3276 Datasheet HTML 6Page - Exar Corporation MP3276 Datasheet HTML 7Page - Exar Corporation MP3276 Datasheet HTML 8Page - Exar Corporation MP3276 Datasheet HTML 9Page - Exar Corporation MP3276 Datasheet HTML 10Page - Exar Corporation MP3276 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP3276
7
Rev. 4.00
The MP3276 is easily interfaced to a wide variety of micropro-
cessors and other digital systems. Discussion of the timing re-
quirements of the MP3276 control signals follows.
Figure 1. shows a complete timing diagram for the MP3276
convert start operation.
Either WR or CS may be used to initiate a conversion. We
recommend using WR as used in
Figure 1. It is quieter and has
less propagation delay than CS. If CS is used to trigger the con-
version the specified set-up times will be longer.
A conversion is started by taking WR low, then high again
(conversion is enabled on the rising edge of WR). There are two
possible conditions that will affect conversion timing.
1. ADEN = 1. At the falling edge of WR, the input channel is
determined by the data present on the address bits. The
track and hold begins to settle after which STL returns low,
indicating that the multiplexer and the buffer amp have set-
tled to less than 1/2 LSB of final value. If the rising edge of
WR returns high prior to STL going low, conversion will begin
on the falling edge of STL. If the rising edge of WR is delayed
until after STL returns low, the input signal is sampled and
the conversion is started at the rising edge of WR giving the
user better control of the sampling time.
2. ADEN = 0. At the falling edge of WR the data present at the
address is ignored and the channel selected during the pre-
vious conversion remains selected. In this case the track
and hold settling time is omitted and STL never goes high. At
the rising edge of WR the input signal is sampled, and con-
version is started.
There are two possible states that the data outputs could be in
during a conversion.
1. If RD is held high during a conversion the outputs would re-
main high impedance throughout the conversion. This is the
preferred method of operation as any noise present on the
data bus is rejected.
2. If RD and CS are held low during a conversion, the data pre-
sent will be from the previous conversion until the present
conversion is completed when STS returns low. The data
from the new conversion will appear on the outputs. The
state of RD or CS should not change during a conversion.
Once a conversion is started and the STL or STS line goes
high, convert start commands will be ignored until the conver-
sion cycle is completed. The output data buffers cannot be en-
abled during conversion. In addition, all inputs and outputs
which change during conversion can introduce noise, and
should be avoided when possible.
ADC Control Timing
Table 2. ADC Write Timing
(See Figure 1.)
25
°C
Tmin to
Tmax
Limits
Comments/Test Conditions
CS to WR Set-Up Time
t1
0
0
ns min
CS to WR Hold Time
t2
0
0
ns min
Address to WR Set-Up Time
t3
0
0
ns min
Address to WR Hold Time
t4
0
0
ns min
WR Pulse Width
t5
80
80
ns min
ADEN to WR Set-Up Time
t6
0
ns min
ADC Conversion Timing
WR to STL Delay
t7
150
150
ns max
Load ckt of Figure 5, CL = 20 pF,
ADEN = 1
STL High (mux/amp settle)
t8
10
15
µs max
Load ckt of Figure 5, CL = 20 pF
STL to STS Low (Converting)
t9
15
20
µs max
Load ckt of Figure 5, CL = 20 pF
WR to STS High (ADEN = 0)
t12
200
250
ns max
STL = 0 when ADEN = 0
WR to STS Low (ADEN = 1)
t10
15
20
µs max
STS High to Bus Relinquish Time
t13
150
150
ns max
Load ckt of Figure 4
STS Low to Data Valid (RD = 0)
t14
50
50
ns max
Load ckt of Figure 3, CL = 20 pF
ADC Write Timing
Time
Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com