Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR18220 Datasheet (PDF) - Unisonic Technologies

LR18220 Datasheet PDF - Unisonic Technologies
Part # LR18220
Download  LR18220 Download
File Size   200.02 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A ULTRA LOW DROPOUT LINEAR REGULATOR

LR18220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR18220 Datasheet PDF - Unisonic Technologies

Part # LR18220
Download  LR18220 Click to download

File Size   200.02 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A ULTRA LOW DROPOUT LINEAR REGULATOR

LR18220 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - LR18220

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
Guaranteed Output Current of 2A
More results


Similar Description - LR18220

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7962 EUTECH-EUP7962 Datasheet
271Kb / 15P
2A Ultra Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620 Datasheet
397Kb / 18P
2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620_10 Datasheet
430Kb / 18P
2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
2A Ultra Low Dropout Linear Regulator
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com