Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP7704 Datasheet (PDF) - uPI Group Inc.

UP7704 Datasheet PDF - uPI Group Inc.
Part # UP7704
Download  UP7704 Download
File Size   261.63 Kbytes
Page   13 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 2A Ultra Low Dropout Linear Regulator

UP7704 Datasheet (PDF)

Go To PDF Page Download Datasheet
UP7704 Datasheet PDF - uPI Group Inc.

Part # UP7704
Download  UP7704 Click to download

File Size   261.63 Kbytes
Page   13 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 2A Ultra Low Dropout Linear Regulator

UP7704 Datasheet (HTML) - uPI Group Inc.


UP7704 Product details

Features
Works with 1.2V~5.5V VIN
- Adjustable Output Voltage, Down to 0.8V
- 1.5% Initial Accuracy
- Excellent Line and Load Regulation
2A Guaranteed Output Current
- 300mV @ 2A Dropout Voltage
Very Low On-Resistance
- 150mΩ typical
VOUT Pull Low Resistance when Disabled
VOUT Power OK Signal
Fast Transient Response
Low External Component Count
Low Cost and Easy to Use
Enable Pin
Over Current and Over Temperature Protection




Similar Part No. - UP7704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
uPI Group Inc.
UP7706 UPI-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706ADC8 ETC2-UP7706ADC8 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
uPI Group Inc.
UP7706ADC8 UPI-UP7706ADC8 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706U8 ETC2-UP7706U8 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
More results


Similar Description - UP7704

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7962 EUTECH-EUP7962 Datasheet
271Kb / 15P
2A Ultra Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620 Datasheet
397Kb / 18P
2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620_10 Datasheet
430Kb / 18P
2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com