Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9203DG-25-AF5-R Datasheet (PDF) - Unisonic Technologies

LR9203DG-25-AF5-R Datasheet PDF - Unisonic Technologies
Part # LR9203DG-25-AF5-R
Download  LR9203DG-25-AF5-R Download
File Size   238.09 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR

LR9203DG-25-AF5-R Datasheet (PDF)

Go To PDF Page Download Datasheet
LR9203DG-25-AF5-R Datasheet PDF - Unisonic Technologies

Part # LR9203DG-25-AF5-R
Download  LR9203DG-25-AF5-R Click to download

File Size   238.09 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR

LR9203DG-25-AF5-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - LR9203DG-25-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9203DG-XX-AF5-R UTC-LR9203DG-XX-AF5-R Datasheet
236Kb / 9P
LOW POWER CONSUMPTION
More results


Similar Description - LR9203DG-25-AF5-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215_17 Datasheet
897Kb / 7P
Low Consumption Current High PSRR 500mA CMOS LDO
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com