Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2213
Download  AP2213 Download
File Size   292.41 Kbytes
Page   21 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 500mA LOW NOISE LDO REGULATOR

AP2213 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2213 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2213
Download  AP2213 Click to download

File Size   292.41 Kbytes
Page   21 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 500mA LOW NOISE LDO REGULATOR

AP2213 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2213 Product details

General Description
The AP2213 is a 500mA output current fixed voltage regulator which provides low noise, very low dropout voltage (typically 350mV at 500mA), very low standby current (1µA maximum) and excellent power supply ripple rejection (PSRR 75dB at 100Hz) in battery powered applications, such as handsets and PDAs and in noise sensitive applications, such as RF electronics.
   
Features
• Up to 500mA Output Current
• Low Standby Current
• Low Dropout Voltage: VDROP=350mV at 500mA
• High Output Accuracy: ±1%
• Good Ripple Rejection Ability: 75dB at 100Hz
    and IOUT=100µA
• Tight Load and Line Regulation
• Low Temperature Coefficient
• Over Current Protection
• Thermal Protection
• Reversed-battery Protection
• Logic-controlled Enable
   
Applications
• Laptop, Notebook, and Palmtop Computer
• CD-ROM, CD-R/RW, DVD Driver
• Portable Electronic
• PC Peripheral
   




Similar Part No. - AP2213

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AP2213D-2.5E1 BCDSEMI-AP2213D-2.5E1 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2213D-2.5E1 DIODES-AP2213D-2.5E1 Datasheet
507Kb / 22P
500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AP2213D-2.5G1 BCDSEMI-AP2213D-2.5G1 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
More results


Similar Description - AP2213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
500mA Low Noise CMOS LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
LOW NOISE 500mA LDO REGULATOR
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com