Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet (PDF) - Diodes Incorporated

AP2213 Datasheet PDF - Diodes Incorporated
Part # AP2213
Download  AP2213 Download
File Size   507.83 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500mA LOW NOISE LDO REGULATOR

AP2213 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2213 Datasheet PDF - Diodes Incorporated

Part # AP2213
Download  AP2213 Click to download

File Size   507.83 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500mA LOW NOISE LDO REGULATOR

AP2213 Datasheet (HTML) - Diodes Incorporated


AP2213 Product details

Features
• Up to 500mA Output Current
• Low Standby Current
• Low Dropout Voltage: VDROP = 350mV at 500mA
• High Output Accuracy: ±1%
• Good Ripple Rejection Ability: 75dB at 100Hz and IOUT = 100μA
• Tight Load and Line Regulation
• Low Temperature Coefficient
• Over Current Protection
• Thermal Protection
• Reversed Current Protection
• Logic-Controlled Enable
• Moisture Sensitivity: Level 3 per J-STD-020
• Terminals: Finish—Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
• Weight:
 TO252-2 (3): 0.312 grams (Approximate)
 SOT-223: 0.116 grams (Approximate)
 SOIC-8: 0.077 grams (Approximate)
• Lead-Free Packages: TO-252-2 (3), SOT-223, SOIC-8
 Totally Lead-Free; RoHS Compliant (Notes 1 & 2)
• Lead-Free Packages, Available in “Green” Molding Compound: TO-252-2 (3), SOT-223, SOIC-8
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control

Applications
• Laptop, Notebook, and Palmtop Computer
• CD-ROM, CD-R/RW, DVD Driver
• Portable Electronic
• PC Peripheral




Similar Part No. - AP2213

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
AP2213D-2.5E1 BCDSEMI-AP2213D-2.5E1 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
AP2213D-2.5E1 BCDSEMI-AP2213D-2.5E1 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
AP2213D-2.5G1 BCDSEMI-AP2213D-2.5G1 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
More results


Similar Description - AP2213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
500mA Low Noise CMOS LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
LOW NOISE 500mA LDO REGULATOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com