Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2213 Datasheet HTML 1Page - Diodes Incorporated AP2213 Datasheet HTML 2Page - Diodes Incorporated AP2213 Datasheet HTML 3Page - Diodes Incorporated AP2213 Datasheet HTML 4Page - Diodes Incorporated AP2213 Datasheet HTML 5Page - Diodes Incorporated AP2213 Datasheet HTML 6Page - Diodes Incorporated AP2213 Datasheet HTML 7Page - Diodes Incorporated AP2213 Datasheet HTML 8Page - Diodes Incorporated AP2213 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
4 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
AP2213-2.5 Electrical Characteristics (@VIN = 3.5V, IOUT = 100µA, CIN = 1.0µF, COUT = 2.2µF, VEN ≥ 2.0V, TJ = +25°C,
Bold typeface applies over -40°C
≤ TJ ≤ +125°C (Note 6), unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
∆VOUT/VOUT
Output Voltage Accuracy
Variation from Specified VOUT
-1
—
1
%
-2
—
2
∆VOUT/∆T
Output Voltage Temperature
Coefficient (Note 7)
—
—
120
—
µV/°C
(
∆VOUT/VOUT)/∆T
—
48
—
ppm/°C
VRLINE
Line Regulation
VIN = 3.5V to 13.2V
—
1.5
4.5
mV
—
—
12
VRLOAD
Load Regulation (Note 8)
IOUT = 0.1mA to 500mA
—
1
7
mV
—
—
17
VDROP
Dropout Voltage (Note 9)
IOUT = 100µA
—
15
50
mV
—
—
70
IOUT = 50mA
—
110
150
—
—
230
IOUT = 100mA
—
140
250
—
—
300
IOUT = 150mA
—
165
275
—
—
350
IOUT = 300mA
—
250
400
—
—
500
IOUT = 500mA
—
350
600
—
—
700
ISTD
Standby Current
VEN
≤ 0.4V (Shutdown)
—
0.01
1
µA
VEN
≤ 0.18V (Shutdown)
—
—
5
IGND
Ground Pin Current (Note 10)
VEN
≥ 2.0V, IOUT = 100µA
—
100
150
µA
—
—
180
VEN
≥ 2.0V, IOUT = 50mA
—
350
600
—
—
800
VEN
≥ 2.0V, IOUT = 150mA
—
1.3
1.9
mA
—
—
2.5
VEN
≥ 2.0V, IOUT = 300mA
—
4
10
—
—
15
VEN
≥ 2.0V, IOUT = 500mA
—
11
20
—
—
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com