Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2213 Datasheet HTML 1Page - Diodes Incorporated AP2213 Datasheet HTML 2Page - Diodes Incorporated AP2213 Datasheet HTML 3Page - Diodes Incorporated AP2213 Datasheet HTML 4Page - Diodes Incorporated AP2213 Datasheet HTML 5Page - Diodes Incorporated AP2213 Datasheet HTML 6Page - Diodes Incorporated AP2213 Datasheet HTML 7Page - Diodes Incorporated AP2213 Datasheet HTML 8Page - Diodes Incorporated AP2213 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
3 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
20
V
VEN
Enable Input Voltage
20
V
PD
Power Dissipation
Internally Limited (Thermal Protection)
W
TLEAD
Lead Temperature (Soldering, 10s)
+260
°C
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
ESD
ESD (Machine Model)
300
V
ESD (Human Body Model)
6000
ESD (Charge Device Model)
2000
θJA
Thermal Resistance (No Heatsink)
TO-252-2 (3)
90
°C/W
SOIC-8
160
SOT-223
108
Notes:
5. Stresses greater than those listed under “Absolute Maximum Ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods can affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
2.5
18
V
VEN
Enable Input Voltage
0
18
V
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com