Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2213 Datasheet HTML 1Page - Diodes Incorporated AP2213 Datasheet HTML 2Page - Diodes Incorporated AP2213 Datasheet HTML 3Page - Diodes Incorporated AP2213 Datasheet HTML 4Page - Diodes Incorporated AP2213 Datasheet HTML 5Page - Diodes Incorporated AP2213 Datasheet HTML 6Page - Diodes Incorporated AP2213 Datasheet HTML 7Page - Diodes Incorporated AP2213 Datasheet HTML 8Page - Diodes Incorporated AP2213 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
2 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
Typical Applications Circuit (Note 4)
BYP
100pF
EN
GND
AP2213-2.5
VIN=3.5V
VOUT=2.5V
2.2
µF
1
µF
VIN
VIN
VOUT
VOUT
COUT
CBYP
CIN
Notes:
4. Dropout voltage is 350mV when TA = +25°C. In order to obtain a normal output voltage, VOUT+0.35V is the minimum input voltage which will result in a
low PSRR, imposing a bad influence on system. Therefore, the recommended input voltage is VOUT+1V to 18V. For AP2213-2.5 version, its input voltage
can be set from 3.5V(VOUT+1V) to 18V.
Pin Descriptions
Pin Number
Pin Name
Function
TO-252-2 (3)
SOIC-8
SOT-223
3
3
2
VOUT
Regulated output voltage
2
5, 6, 7, 8
1
GND
Ground
1
2
3
VIN
Input Voltage
—
1
—
EN
Enable input: CMOS or TTL compatible input. Logic high =
enable, logic low = shutdown
—
4
—
BYP
Bypass capacitor for low noise operation
Functional Block Diagram
A (B) [C]
A for TO-252-2 (3)
B for SOIC-8
C for SOT-223
+
-
Bandgap
Ref.
Current Limit
Thermal Shutdown
VIN
BYP
EN
GND
VOUT
1 (2) [3]
3 (3) [2]
(4)
(1)
2 (5, 6, 7, 8) [1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com