Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2213 Datasheet HTML 8Page - Diodes Incorporated AP2213 Datasheet HTML 9Page - Diodes Incorporated AP2213 Datasheet HTML 10Page - Diodes Incorporated AP2213 Datasheet HTML 11Page - Diodes Incorporated AP2213 Datasheet HTML 12Page - Diodes Incorporated AP2213 Datasheet HTML 13Page - Diodes Incorporated AP2213 Datasheet HTML 14Page - Diodes Incorporated AP2213 Datasheet HTML 15Page - Diodes Incorporated AP2213 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
12 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
Performance Characteristics (cont.)
Power Dissipation vs. Ambient Temperature
ESR vs. Output Current
ESR vs. Output Current
ESR vs. Output Current
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ambient Temperature (
oC)
SOIC-8 Package
No Heatsink
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=1µF
No Bypass Capacitor
Stable Area
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=2.2µF
No Bypass Capacitor
Stable Area
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
Output Current (mA)
C
OUT=4.7µF
No Bypass Capacitor
Stable Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com