Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2213 Datasheet HTML 10Page - Diodes Incorporated AP2213 Datasheet HTML 11Page - Diodes Incorporated AP2213 Datasheet HTML 12Page - Diodes Incorporated AP2213 Datasheet HTML 13Page - Diodes Incorporated AP2213 Datasheet HTML 14Page - Diodes Incorporated AP2213 Datasheet HTML 15Page - Diodes Incorporated AP2213 Datasheet HTML 16Page - Diodes Incorporated AP2213 Datasheet HTML 17Page - Diodes Incorporated AP2213 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
14 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
Ordering Information
AP2213 X - X X X
Packing
Package
TR : Tape & Reel
Product Name
D : TO-252-2 (3)
Output Voltage
E1/G1
3.0 : Fixed Output 3.0V
2.5 : Fixed Output 2.5V
M : SOIC-8
3.3 : Fixed Output 3.3V
Blank : Tube
E1 : RoHS Compliant
G1 : RoHS Compliant
and Green
H : SOT-223
Package
Temperature
Range
Part Number
Marking ID
Packing
RoHS Compliant
RoHS Compliant
and Green
RoHS
Compliant
RoHS
Compliant
and Green
TO-252-2 (3)
-40 to +125°C
AP2213D-2.5E1
AP2213D-2.5G1
AP2213D-
2.5E1
AP2213D-
2.5G1
100/Tube
AP2213D-2.5TRE1
AP2213D-2.5TRG1
AP2213D-
2.5E1
AP2213D-
2.5G1
2500/Tape
& Reel
AP2213D-3.0E1
AP2213D-3.0G1
AP2213D-
3.0E1
AP2213D-
3.0G1
100/Tube
AP2213D-3.0TRE1
AP2213D-3.0TRG1
AP2213D-
3.0E1
AP2213D-
3.0G1
2500/Tape
& Reel
AP2213D-3.3E1
AP2213D-3.3G1
AP2213D-
3.3E1
AP2213D-
3.3G1
100/Tube
AP2213D-3.3TRE1
AP2213D-3.3TRG1
AP2213D-
3.3E1
AP2213D-
3.3G1
2500/Tape
& Reel
SOIC-8
-40 to +125°C
AP2213M-2.5E1
AP2213M-2.5G1
2213M-2.5E1
2213M-2.5G1
100/Tube
AP2213M-2.5TRE1
AP2213M-2.5TRG1
2213M-2.5E1
2213M-2.5G1
2500/Tape
& Reel
AP2213M-3.0E1
AP2213M-3.0G1
2213M-3.0E1
2213M-3.0G1
100/Tube
AP2213M-3.0TRE1
AP2213M-3.0TRG1
2213M-3.0E1
2213M-3.0G1
2500/Tape
& Reel
AP2213M-3.3E1
AP2213M-3.3G1
2213M-3.3E1
2213M-3.3G1
100/Tube
AP2213M-3.3TRE1
AP2213M-3.3TRG1
2213M-3.3E1
2213M-3.3G1
2500/Tape
& Reel
SOT-223
-40 to +125°C
AP2213H-2.5TRE1
AP2213H-2.5TRG1
EH13C
GH13C
4000/Tape
& Reel
AP2213H-3.0TRE1
AP2213H-3.0TRG1
EH13E
GH13E
4000/Tape
& Reel
AP2213H-3.3TRE1
AP2213H-3.3TRG1
EH13F
GH13F
4000/Tape
& Reel
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com