Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2213 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2213 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2213 Datasheet HTML 9Page - Diodes Incorporated AP2213 Datasheet HTML 10Page - Diodes Incorporated AP2213 Datasheet HTML 11Page - Diodes Incorporated AP2213 Datasheet HTML 12Page - Diodes Incorporated AP2213 Datasheet HTML 13Page - Diodes Incorporated AP2213 Datasheet HTML 14Page - Diodes Incorporated AP2213 Datasheet HTML 15Page - Diodes Incorporated AP2213 Datasheet HTML 16Page - Diodes Incorporated AP2213 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AP2213
Document number: DS42665 Rev. 3 - 2
13 of 22
www.diodes.com
September 2020
© Diodes Incorporated
AP2213
Application Information
Input Capacitor
A 1µF minimum capacitor is recommended to be placed between VIN and GND.
Output Capacitor
An output capacitor is required to prevent oscillation. A 1µF minimum is recommended when CBYP is unused. A 2.2µF minimum is recommended
when CBYP is 100pF. The output capacitor may be increased to improve transient response.
Noise Bypass Capacitor
A bypass capacitor is connected to the internal voltage reference. A small capacitor connected from BYP to GND makes this reference quiet,
resulting in a significant reduction in output noise, but the ESR stable area will be narrowed. In order to keep the output stability, it is
recommended to use the bypass capacitor no more than 100pF.
The start-up speed of the AP2213 is inversely proportional to the value of the reference bypass capacitor. In some cases, if output noise is not a
major concern and rapid turn-on is necessary, omit CBYP and leave BYP open.
Power Dissipation
Thermal shutdown may take place if the maximum power dissipation is exceeded in application. Under all possible operating conditions, the
junction temperature must be within the range specified under absolute maximum ratings to avoid thermal shutdown.
To determine if the power dissipated in the regulator reaches the maximum power dissipation (see Figure Power Dissipation vs. Ambient
Temperature (SOIC-8 Package), ESR vs. Output Current (COUT = 1µF)), use:
TJ = PD*θJA + TA
PD = (VIN-VOUT)*IOUT+VIN*IGND
Where: TJ
≤ TJ(max), TJ(max) is absolute maximum ratings for the junction temperature; VIN*IGND can be ignored due to its small value.
TJ(max) is +150°C, θJA is 90°C/W for TO-252-2 (3) package and 160°C/W for SOIC-8 package.
Example: For 2.5V version packaged in SOIC-8, IOUT = 500mA, TA = +50°C, VIN(Max) is:
(150°C-50°C)/(0.5A*160°C/W)+2.5V=3.75V
Therefore, for good performance, please make sure that the input voltage is less than 3.75V without heatsink when TA = +50°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com