Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1181 Datasheet (PDF) - RF Monolithics, Inc

RF1181 Datasheet PDF - RF Monolithics, Inc
Part # RF1181
Download  RF1181 Download
File Size   187.28 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 916.50 MHz SAW Filter

RF1181 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1181 Datasheet PDF - RF Monolithics, Inc

Part # RF1181
Download  RF1181 Click to download

File Size   187.28 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 916.50 MHz SAW Filter

RF1181 Datasheet (HTML) - RF Monolithics, Inc


RF1181 Product details

The RF1181 is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 916.5 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote-control and security devices operating in the USA under FCC Part 15 and in Canada under DoC RSS-210.

This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s advanced SAW design and fabrication technology is utilized to achieve high performance and very low loss with simple external impedance matching (not included). Quartz construction provides excellent frequency stability over a wide temperature range.



• Ideal Front-End Filter for 916.5 MHz Wireless Receivers

• Low-Loss, Coupled-Resonator Quartz Design

• Simple External Impedance Matching

• Rugged TO39 Hermetic Package

• Complies with Directive 2002/95/EC (RoHS)



 




Similar Part No. - RF1181

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1181B RFM-RF1181B Datasheet
295Kb / 2P
916.5 MHz SAW Filter
RF1181D RFM-RF1181D Datasheet
110Kb / 3P
916.5 MHz SAW Filter
More results


Similar Description - RF1181

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
916.50 MHz Transceiver Module
logo
Vanlong Technology Co.,...
SF5010 VANLONG-SF5010 Datasheet
93Kb / 2P
916.50 MHz SAW Filter
SQ5002 VANLONG-SQ5002 Datasheet
135Kb / 2P
916.50 MHz Two Port SAW Resonator
SR916 VANLONG-SR916 Datasheet
91Kb / 2P
916.50 MHz One-Port SAW Resonator
SR5004 VANLONG-SR5004 Datasheet
127Kb / 2P
916.50 MHz One Port SAW Resonator
SR5005 VANLONG-SR5005 Datasheet
101Kb / 2P
916.50 MHz One Port SAW Resonator
logo
RF Monolithics, Inc
RF3181 RFM-RF3181 Datasheet
168Kb / 2P
916.50 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3181 MURATA-RF3181 Datasheet
168Kb / 2P
916.50 MHz SAW Filter
RF3181D MURATA-RF3181D Datasheet
63Kb / 2P
916.50 MHz SAW Filter
RF3181E MURATA-RF3181E Datasheet
467Kb / 4P
916.50 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com