Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1181D Datasheet (PDF) - RF Monolithics, Inc

RF1181D Datasheet PDF - RF Monolithics, Inc
Part # RF1181D
Download  RF1181D Download
File Size   110.74 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 916.5 MHz SAW Filter

RF1181D Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1181D Datasheet PDF - RF Monolithics, Inc

Part # RF1181D
Download  RF1181D Click to download

File Size   110.74 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 916.5 MHz SAW Filter

RF1181D Datasheet (HTML) - RF Monolithics, Inc


RF1181D Product details

The RF1181D is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 916.5 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz IF, direct conversion and superregen. Typical applications of these receivers are wireless remote control and security, data telemetry, and meter reading devices operating in the USA under FCC Part 15 and in Canada under DoC RSS-210.

This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s advanced SAW design and fabrication technology is utilized to achieve high performance and very low loss with simple external impedance matching (not included). Our new patent pending solder seal process utilizes a Faraday shield lid, which improves out of band rejection.



• Ideal Front-End Filter for 916.5 MHz Wireless Receivers

• Low-Loss, Coupled-Resonator Quartz Design

• Simple External Impedance Matching

• Complies with Directive 2002/95/EC (RoHS)



 




Similar Part No. - RF1181D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1181 RFM-RF1181 Datasheet
187Kb / 2P
916.50 MHz SAW Filter
RF1181B RFM-RF1181B Datasheet
295Kb / 2P
916.5 MHz SAW Filter
More results


Similar Description - RF1181D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1181B RFM-RF1181B Datasheet
295Kb / 2P
916.5 MHz SAW Filter
RO2144A RFM-RO2144A Datasheet
100Kb / 2P
916.5 MHz SAW Resonator
RO2144D RFM-RO2144D Datasheet
97Kb / 2P
916.5 MHz SAW Resonator
RO2144E RFM-RO2144E Datasheet
96Kb / 2P
916.5 MHz SAW Resonator
logo
Abracon Corporation
AFS916.5S3 ABRACON-AFS916.5S3 Datasheet
109Kb / 1P
SMD 916.5 MHz SAW FILTER
logo
RF Monolithics, Inc
RF3181D RFM-RF3181D Datasheet
63Kb / 2P
916.5 MHz SAW Filter
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
916.5 MHz SAW Filter
logo
API Technologies Corp
SF0917BA03231S APITECH-SF0917BA03231S Datasheet
1Mb / 3P
916.5 MHz SAW Bandpass Filter, 500 kHz Bandwidth
logo
Murata Manufacturing Co...
RO3144A MURATA-RO3144A Datasheet
462Kb / 2P
916.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0391B TAI-SAW-TC0391B Datasheet
272Kb / 5P
SAW Resonator 916.5 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com