Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6139EU-L Datasheet (PDF) - Sipex Corporation

SP6139EU-L Datasheet PDF - Sipex Corporation
Part # SP6139EU-L
Download  SP6139EU-L Download
File Size   148.09 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Wide Input, 1.3MHz Synchronous PWM Controller

SP6139EU-L Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6139EU-L Datasheet PDF - Sipex Corporation

Part # SP6139EU-L
Download  SP6139EU-L Click to download

File Size   148.09 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Wide Input, 1.3MHz Synchronous PWM Controller

SP6139EU-L Datasheet (HTML) - Sipex Corporation


SP6139EU-L Product details

DESCRIPTION
The SP6139 is a synchronous step-down switching regulator controller optimized for high efficiency. The part is designed to be especially attractive for dual supply, 12V step down with 5V used to power the controller. This lower VCC voltage minimizes power dissipation in the part. The SP6139 is designed to drive a pair of external NFETs using a fixed 1.3MHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal shutdown and output
short circuit protection. The SP6139 is available in the cost and space saving 10-pin MSOP.

FEATURES
■ 2.5V to 20V Step Down Achieved Using Dual Input
■ Small 10-Pin MSOP Package
■ Up to 15A Ouput Capability
■ Highly Integrated Design, Minimal Components
■ UVLO Detects Both VCC and VIN
■ Short Circuit Protection with Auto-Restart
■ On-Board 1.5Ω sink (2Ω source) NFET Drivers
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 94% Possible
■ A Synchronous Start-Up into a Pre-Charged Output

APPLICATIONS
■ DSL Modems
■ Set-Top Boxes
■ 12V VIN Point of Load Apps.




Similar Part No. - SP6139EU-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6139EU-L EXAR-SP6139EU-L Datasheet
733Kb / 16P
Wide Input, 1.3MHz Synchronous PWM Step Down Controller
SP6139EU-L/TR EXAR-SP6139EU-L/TR Datasheet
733Kb / 16P
Wide Input, 1.3MHz Synchronous PWM Step Down Controller
More results


Similar Description - SP6139EU-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6137 SIPEX-SP6137 Datasheet
142Kb / 13P
Wide Input, 900KHz Synchronous PWM Controller
logo
Texas Instruments
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Exar Corporation
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
Wide Input, 900kHz Synchronous PWM Step Down Controller
SP6139 EXAR-SP6139 Datasheet
733Kb / 16P
Wide Input, 1.3MHz Synchronous PWM Step Down Controller
logo
Texas Instruments
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_12 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI1-TPS40050-Q1_16 Datasheet
426Kb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com