Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6139 Datasheet (PDF) - Exar Corporation

SP6139 Datasheet PDF - Exar Corporation
Part # SP6139
Download  SP6139 Download
File Size   733.32 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Wide Input, 1.3MHz Synchronous PWM Step Down Controller

SP6139 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6139 Datasheet PDF - Exar Corporation

Part # SP6139
Download  SP6139 Click to download

File Size   733.32 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Wide Input, 1.3MHz Synchronous PWM Step Down Controller

SP6139 Datasheet (HTML) - Exar Corporation


SP6139 Product details

GENERAL DESCRIPTION
The SP6139 is a 1300kHz constant frequency, voltage mode, synchronous PWM step down controller optimized for high efficiency.
The SP6139 is adequately suited for split plane applications utilizing a low power 5V rail to power the controller circuitry, minimizing power dissipation. Its wide input voltage range of 3V to 15V allows for conversions from the standard 3.3V, 5V, 9.6V and 12V power rails to an output voltage adjustable down to 0.8V.
Developed around a wide bandwidth internal amplifier, the SP6139 can accommodate type II and type III compensation schemes.
Protection features include a programmable UVLO, thermal shutdown and output short circuit protection.
The SP6139 is part of a larger family of step down controllers operating at various switching frequencies up to 1300kHz and input voltages up to 28V. Refer to Exar’s SP6132, SP6132H, SP6134, SP6134H and SP6137 for complete details.
The SP6139 is available in lead free, RoHS compliant, space saving 10-pin MSOP package.

FEATURES
• 2.5V to 20V Step Down Achieved Using Dual Input
• On-Board 1.5Ω sink (2Ω source) NFET Drivers
• Up to 7A Output Capability
• UVLO Detects Both VCC and VIN
• Short-Circuit Protection with Auto Restart
• Supports Type II or III Compensation
• Programmable Soft Start
• Fast Transient Response
• High Efficiency: Greater than 94%
• Non-synchronous Start-Up
• Small 10-Pin MSOP Package
• U.S. Patent #6,922,041

APPLICATIONS
• DSL Modems
• Set-Top Boxes
• 12V VIN Point of Load Applications




Similar Part No. - SP6139

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6139 SIPEX-SP6139 Datasheet
148Kb / 13P
Wide Input, 1.3MHz Synchronous PWM Controller
SP6139EU SIPEX-SP6139EU Datasheet
148Kb / 13P
Wide Input, 1.3MHz Synchronous PWM Controller
SP6139EU-L SIPEX-SP6139EU-L Datasheet
148Kb / 13P
Wide Input, 1.3MHz Synchronous PWM Controller
SP6139EU-L/TR SIPEX-SP6139EU-L/TR Datasheet
148Kb / 13P
Wide Input, 1.3MHz Synchronous PWM Controller
SP6139EU/TR SIPEX-SP6139EU/TR Datasheet
148Kb / 13P
Wide Input, 1.3MHz Synchronous PWM Controller
More results


Similar Description - SP6139

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6139 SIPEX-SP6139 Datasheet
148Kb / 13P
Wide Input, 1.3MHz Synchronous PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
Wide Input, 900kHz Synchronous PWM Step Down Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com