Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6134 Datasheet (PDF) - Exar Corporation

SP6134 Datasheet PDF - Exar Corporation
Part # SP6134
Download  SP6134 Download
File Size   776.91 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 600kHz Synchronous PWM Step Down Controller

SP6134 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6134 Datasheet PDF - Exar Corporation

Part # SP6134
Download  SP6134 Click to download

File Size   776.91 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 600kHz Synchronous PWM Step Down Controller

SP6134 Datasheet (HTML) - Exar Corporation


SP6134 Product details

GENERAL DESCRIPTION
The SP6134 is a 600kHz constant frequency, voltage mode, synchronous PWM step down controller optimized for high efficiency.
The SP6134 is adequately suited for split plane applications utilizing a low power 5V rail to power the controller circuitry, minimizing power dissipation. Its wide input voltage range of 3V to 15V allows for conversions from the standard 3.3V, 5V, 9.6V and 12V power rails to an output voltage adjustable down to 0.8V. Developed around a wide bandwidth internal amplifier, the SP6134 can accommodate type II and type III compensation schemes.

FEATURES
• 3V to 15V Step Down Achieved Using Dual Input
• On-Board 1.5Ω sink (2Ω source) NFET Drivers
• Up to 15A Output Capability
• UVLO Detects Both VCC and VIN
• Short-Circuit Protection with AutoRestart
• Supports Type II or III Compensation
• Programmable Soft Start
• Fast Transient Response
• High Efficiency: Greater than 94%
• Non-synchronous Start-Up
• Small 10-Pin MSOP Package
• U.S. Patent #6,922,041

APPLICATIONS
• 12V DPA
• Communications Systems
• Graphics Cards




Similar Part No. - SP6134

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP61346 SIPEX-SP61346 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134CU SIPEX-SP6134CU Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134CU SIPEX-SP6134CU Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134CU/TR SIPEX-SP6134CU/TR Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
More results


Similar Description - SP6134

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com