Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6134 Datasheet (PDF) - Sipex Corporation

SP6134 Datasheet PDF - Sipex Corporation
Part # SP6134
Download  SP6134 Download
File Size   141.55 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Dual Supply Synchronous Buck Controller

SP6134 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6134 Datasheet PDF - Sipex Corporation

Part # SP6134
Download  SP6134 Click to download

File Size   141.55 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Dual Supply Synchronous Buck Controller

SP6134 Datasheet (HTML) - Sipex Corporation


SP6134 Product details

DESCRIPTION
The SP6134 is a synchronous step-down switching regulator controller optimized for high efficiency. The part is designed to be especially attractive for dual supply, 12V step down with 5V used to power the controller. This lower VCC voltage minimizes power dissipation in the part. The SP6134 is designed to drive a pair of external NFETs using a fixed 600kHz frequency, PWM voltage mode architecture. Protection features include UVLO, thermal shutdown and output short circuit protection. The SP6134 is available in the cost and space saving 10-pin MSOP.

FEATURES
■ 3V to 12V Step Down Achieved Using Dual Input
■ Small 10-Pin MSOP Package
■ 2A to 15A Ouput Capability
■ Highly Integrated Design, Minimal Components
■ UVLO Detects Both VCC and VIN
■ Short Circuit Protection with Auto-Restart
■ On-Board 1.5Ω sink (2Ω source) NFET Drivers
■ Programmable Soft Start
■ Fast Transient Response
■ High Efficiency: Greater than 94% Possible
■ A Synchronous Start-Up into a Pre-Charged Output

APPLICATIONS
■ 12V DPA
■ Communications Systems
■ Graphics Cards




Similar Part No. - SP6134

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP61346 SIPEX-SP61346 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134CU SIPEX-SP6134CU Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Exar Corporation
SP6134CU-L EXAR-SP6134CU-L Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
SP6134CU-L/TR EXAR-SP6134CU-L/TR Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
More results


Similar Description - SP6134

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
Dual Supply Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
Dual Synchronous Buck Controller
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com