Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6134H Datasheet (PDF) - Exar Corporation

SP6134H Datasheet PDF - Exar Corporation
Part # SP6134H
Download  SP6134H Download
File Size   745.27 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Voltage, 600kHz Synchronous PWM Step Down Controller

SP6134H Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6134H Datasheet PDF - Exar Corporation

Part # SP6134H
Download  SP6134H Click to download

File Size   745.27 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Voltage, 600kHz Synchronous PWM Step Down Controller

SP6134H Datasheet (HTML) - Exar Corporation


SP6134H Product details

GENERAL DESCRIPTION
The SP6134H is a 600kHz constant frequency, voltage mode, synchronous PWM step down controller optimized for high efficiency. The SP6134H is adequately suited for split plane applications utilizing a low power 5V rail to power the controller circuitry, minimizing power dissipation. Its wide input voltage range of 3V to 15V allows for conversions from the standard 3.3V, 5V, 9.6V and 12V power rails to an output voltage adjustable down to 0.8V. Developed around a wide bandwidth internal amplifier, the SP6134H can accommodate type II and type III compensation schemes.

FEATURES
• 3V to 28V Step Down Achieved Using Dual Input
• On-Board 1.5Ω sink (2Ω source) NFET Drivers
• Up to 15A Output Capability
• UVLO Detects Both VCC and VIN
• Short-Circuit Protection with Auto Restart
• Supports Type II or III Compensation
• Programmable Soft Start
• Fast Transient Response
• High Efficiency: Greater than 94%
• Non-synchronous Start-Up
• Small 10-Pin MSOP Package
• U.S. Patent #6,922,041

APPLICATIONS
• Wireless Base Station
• Automotive
• Industrial
• Power Supply




Similar Part No. - SP6134H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134H SIPEX-SP6134H Datasheet
141Kb / 14P
High Voltage, 600 KHz Synchronous PWM Controller
SP6134HCU SIPEX-SP6134HCU Datasheet
141Kb / 14P
High Voltage, 600 KHz Synchronous PWM Controller
SP6134HCU SIPEX-SP6134HCU Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134HCU/TR SIPEX-SP6134HCU/TR Datasheet
141Kb / 14P
High Voltage, 600 KHz Synchronous PWM Controller
SP6134HCU/TR SIPEX-SP6134HCU/TR Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
More results


Similar Description - SP6134H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com